Electronic Components Datasheet Search
  English  ▼

X  

PE45358 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45358
Description  N Male Right Angle Connector Clamp/Solder Attachment for 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45358 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45358 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45358 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45358 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Male Connector
• 50 Ohms
• Right Angle Body Geometry
• 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC Interface
Type
• Clamp/Solder Attachment
• 3/4 in Hex
Features
• Silver Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE45358 type N male right angle connector with clamp/solder attachment for 1/2 inch Annular, 1/2 inch Flexible
and PE-1/2FAC is part of our full line of RF components available for same-day shipping. Its right angle body geometry allows
for easier connections in tight spaces.
Our type N male right angle connector PE45358 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
2.63 in [66.8 mm]
Width/Dia.
0.867 in [22.02 mm]
Height
1.734 in [44.04 mm]
.
Weight
0.327 lbs [148.32 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Silver
Insulation
Teflon
Body
Brass
Tri-Metal
Coupling Nut
Brass
Tri-Metal
O-Ring
Silicone Rubber
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Right Angle Connector Clamp/Solder Attachment for 1/2 inch Annular, 1/2 inch Flex-
ible, PE-1/2FAC PE45358
PE45358 REV 1.0
N Male Right Angle Connector Clamp/Solder Attachment
for 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
RF Connectors Technical Data Sheet
PE45358


Similar Part No. - PE45358

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4535 PASTERNACK-PE4535 Datasheet
300Kb / 3P
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
PE4535 PASTERNACK-PE4535 Datasheet
227Kb / 3P
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
PE45350 PASTERNACK-PE45350 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, Gold Plated
PE45351 PASTERNACK-PE45351 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount
PE45352 PASTERNACK-PE45352 Datasheet
428Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Extended Contact
More results

Similar Description - PE45358

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44565 PASTERNACK-PE44565 Datasheet
302Kb / 2P
N Female Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44554 PASTERNACK-PE44554 Datasheet
216Kb / 2P
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44567 PASTERNACK-PE44567 Datasheet
237Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44569 PASTERNACK-PE44569 Datasheet
231Kb / 3P
7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44735 PASTERNACK-PE44735 Datasheet
254Kb / 3P
N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44737 PASTERNACK-PE44737 Datasheet
253Kb / 3P
N Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44995 PASTERNACK-PE44995 Datasheet
316Kb / 2P
N Male Connector Clamp - Solder Attachment For 1 - 2 inch Annular, IP 67 Rated
PE44564 PASTERNACK-PE44564 Datasheet
225Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44570 PASTERNACK-PE44570 Datasheet
216Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com