Electronic Components Datasheet Search
  English  ▼

X  

PE45366 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45366
Description  SSMC Plug Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45366 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45366 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45366 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45366 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45366 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45366 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SSMC Plug Connector
• 50 Ohms
• Straight Body Geometry
• PE-047SR, PE-SR047AL, PE-SR047FL Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Custom Cable Assemblies
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45366 SSMC plug connector with clamp/solder attachment for PE-047SR, PE-SR047AL and PE-SR047FL is
part of our full line of RF components available for same-day shipping. Our SSMC plug connector operates up to a maximum
frequency of 12.4 GHz.
Our SSMC plug connector PE45366 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45366
PE45366 REV 1.0
SSMC Plug Connector Clamp/Solder Attachment
for PE-047SR, PE-SR047AL, PE-SR047FL
RF Connectors Technical Data Sheet
PE45366


Similar Part No. - PE45366

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4536 PASTERNACK-PE4536 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
logo
Peregrine Semiconductor
PE45361 PSEMI-PE45361 Datasheet
359Kb / 14P
Power Limiter, 10 MHz?? GHz
logo
Pasternack Enterprises,...
PE45365 PASTERNACK-PE45365 Datasheet
365Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45367 PASTERNACK-PE45367 Datasheet
385Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG178, RG196
More results

Similar Description - PE45366

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44335 PASTERNACK-PE44335 Datasheet
261Kb / 2P
1.85mm Male Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4975 PASTERNACK-PE4975 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44456 PASTERNACK-PE44456 Datasheet
208Kb / 2P
MMCX Plug Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44459 PASTERNACK-PE44459 Datasheet
215Kb / 2P
MMCX Jack Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44797 PASTERNACK-PE44797 Datasheet
286Kb / 3P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR047FL, PE-SR047AL, PE-047SR
PE44798 PASTERNACK-PE44798 Datasheet
283Kb / 3P
2.92mm Female Precision Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44799 PASTERNACK-PE44799 Datasheet
288Kb / 3P
1.85mm Male Precision Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE45371 PASTERNACK-PE45371 Datasheet
385Kb / 5P
SSMC Jack Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45385 PASTERNACK-PE45385 Datasheet
367Kb / 5P
SSMC Plug Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45388 PASTERNACK-PE45388 Datasheet
384Kb / 5P
SSMC Jack Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com