Electronic Components Datasheet Search
  English  ▼

X  

PE45367 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45367
Description  SSMC Plug Connector Crimp/Solder Attachment for RG178, RG196
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45367 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45367 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45367 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45367 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45367 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45367 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SSMC Plug Connector
• 50 Ohms
• Straight Body Geometry
• RG178, RG196 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.44:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Custom Cable Assemblies
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45367 SSMC plug connector with crimp/solder attachment for RG178 and RG196 is part of our full line of RF
components available for same-day shipping. Our SSMC plug connector operates up to a maximum frequency of 12.4 GHz
and offers good VSWR of 1.44:1.
Our SSMC plug connector PE45367 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.44:1
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Connector Crimp/Solder Attachment for RG178, RG196 PE45367
PE45367 REV 1.0
SSMC Plug Connector Crimp/Solder
Attachment for RG178, RG196
RF Connectors Technical Data Sheet
PE45367


Similar Part No. - PE45367

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4536 PASTERNACK-PE4536 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
logo
Peregrine Semiconductor
PE45361 PSEMI-PE45361 Datasheet
359Kb / 14P
Power Limiter, 10 MHz?? GHz
logo
Pasternack Enterprises,...
PE45365 PASTERNACK-PE45365 Datasheet
365Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45366 PASTERNACK-PE45366 Datasheet
364Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE45367

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4074 PASTERNACK-PE4074 Datasheet
304Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4897 PASTERNACK-PE4897 Datasheet
306Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4080 PASTERNACK-PE4080 Datasheet
305Kb / 2P
SMB Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4552 PASTERNACK-PE4552 Datasheet
221Kb / 3P
MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44310 PASTERNACK-PE44310 Datasheet
207Kb / 2P
MC-Card Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44370 PASTERNACK-PE44370 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE4019 PASTERNACK-PE4019 Datasheet
221Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment For RG178, RG196
PE45381 PASTERNACK-PE45381 Datasheet
379Kb / 5P
SSMC Plug Right Angle Connector Crimp Solder Attachment for RG178, RG196
PE45386 PASTERNACK-PE45386 Datasheet
470Kb / 5P
SSMC Jack Right Angle Bulkhead Mount Connector Crimp/Solder Attachment for RG178, RG196
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com