Electronic Components Datasheet Search
  English  ▼

X  

TSL201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TSL201
Description  64 X 1 LINEAR SENSOR ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TSL201 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSL201R
64 y 1 LINEAR SENSOR ARRAY
TAOS030B – AUGUST 2002
2
t
t
Copyright
E 2002, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
AO
3
Analog output.
CLK
2
Clock. The clock controls charge transfer, pixel output, and reset.
GND
6, 7
Ground (substrate). All voltages are referenced to the substrate.
SI
1
Serial input. SI defines the start of the data-out sequence.
VDD
4
Supply voltage. Supply voltage for both analog and digital circuits.
Detailed Description
The sensor consists of 64 photodiodes arranged in a linear array. Light energy impinging on a photodiode
generates photocurrent, which is integrated by the active integration circuitry associated with that pixel. During
the integration period, a sampling capacitor connects to the output of the integrator through an analog switch.
The amount of charge accumulated at each pixel is directly proportional to the light intensity and the integration
time. The integration time is the interval between two consecutive output periods.
The output and reset of the integrators is controlled by a 64-bit shift register and reset logic. An output cycle is
initiated by clocking in a logic 1 on SI for one positive going clock edge (see Figures1 and 2)†. As the SI pulse
is clocked through the 64-bit shift register, the charge on the sampling capacitor of each pixel is sequentially
connected to a charge-coupled output amplifier that generates a voltage output, AO. When the bit position goes
low, the pixel integrator is reset. On the 65th clock rising edge, the SI pulse is clocked out of the shift register
and the output assumes a high-impedance state. Note that this 65th clock pulse is required to terminate the
output of the 64th pixel and return the internal logic to a known state. A subsequent SI pulse can be presented
as early as the 66th clock pulse, thereby initiating another pixel output cycle.
The voltage developed at analog output (AO) is given by:
Vout = Vdrk + (Re) (Ee) (tint)
where:
Vout
is the analog output voltage for white condition
Vdrk
is the analog output voltage for dark condition
Re
is the device responsivity for a given wavelength of light given in V/(
µJ/cm2)
Ee
is the incident irradiance in
µW/cm2
tint
is integration time in seconds
AO is driven by a source follower that requires an external pulldown resistor (330-
Ω typical). The output is
nominally 0 V for no light input, 2 V for normal white-level, and 3.4 V for saturation light level. When the device
is not in the output phase, AO is in a high impedance state.
A 0.1
µF bypass capacitor should be connected between VDD and ground as close as possible to the device.
† For proper operation, after meeting the minimum hold time condition, SI must go low before the next rising edge of the clock.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com