Electronic Components Datasheet Search
  English  ▼

X  

TSL201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSL201
Description  64 X 1 LINEAR SENSOR ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSL201 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL201 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSL201R
64 y 1 LINEAR SENSOR ARRAY
TAOS030B – AUGUST 2002
1
The
LUMENOLOGY
r Company
t
t
Copyright
E 2002, TAOS Inc.
www.taosinc.com
D 64 × 1 Sensor-Element Organization
D 200 Dots-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range... 2000:1 (66 dB)
D Output Referenced to Ground
D Low Image Lag . . . 0.5% Typ
D Operation to 5 MHz
D Single 5-V Supply
D Replacement for TSL201
Description
The TSL201R linear sensor array consists of a 64
× 1 array of photodiodes and associated charge amplifier
circuitry. The pixels measure 120
µm (H) by 70 µm (W) with 125-µm center-to-center spacing and 55-µm
spacing between pixels. Operation is simplified by internal control logic that requires only a serial-input (SI)
signal and a clock.
The TSL201R is intended for use in a wide variety of applications including mark detection and code reading,
optical character recognition (OCR) and contact imaging, edge detection and positioning as well as optical linear
and rotary encoding.
Functional Block Diagram
1
2
SI
CLK
64-Bit Shift Register
Q64
Switch Control Logic
Integrator
Reset
_
+
Pixel 1
Pixel
2
Pixel
64
Pixel
3
Sample/
Output
Analog
Bus
6, 7
Q3
Q2
Q1
4
3
Output
Amplifier
Gain
Trim
VDD
RL
(External
330
W
Load)
AO
GND
t
t
Texas Advanced Optoelectronic Solutions Inc.
800 Jupiter Road, Suite 205
S Plano, TX 75074 S (972) 673-0759
NC – No internal connection
8 NC
7 GND
6 GND
5 NC
DIP PACKAGE
(TOP VIEW)
SI 1
CLK 2
AO 3
VDD 4


Similar Part No. - TSL201

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL2014 TAOS-TSL2014 Datasheet
184Kb / 10P
896 x 1 LINEAR SENSOR ARRAY
logo
ams AG
TSL2014 AMSCO-TSL2014 Datasheet
602Kb / 11P
896X1 LINEAR SENSOR ARRAY
TSL201CL AMSCO-TSL201CL Datasheet
759Kb / 15P
64  1 LINEAR SENSOR ARRAY
logo
TEXAS ADVANCED OPTOELEC...
TSL201R-LF TAOS-TSL201R-LF Datasheet
176Kb / 10P
64 x 1 LINEAR SENSOR ARRAY
More results

Similar Description - TSL201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL210 ETC-TSL210 Datasheet
125Kb / 10P
640 X 1 LINEAR SENSOR ARRAY
TSL1406 ETC-TSL1406 Datasheet
146Kb / 12P
768 X 1 LINEAR SENSOR ARRAY WITH HOLD
TSL208 ETC-TSL208 Datasheet
102Kb / 8P
512 X 1 LINEAR SENSOR ARRAY
TSL1402R ETC-TSL1402R Datasheet
145Kb / 12P
256 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL201R-LF TAOS-TSL201R-LF Datasheet
176Kb / 10P
64 x 1 LINEAR SENSOR ARRAY
TSL202R TAOS-TSL202R Datasheet
199Kb / 12P
128 x 1 LINEAR SENSOR ARRAY
TSL208R TAOS-TSL208R Datasheet
171Kb / 10P
512 x 1 LINEAR SENSOR ARRAY
TSL2014 TAOS-TSL2014 Datasheet
184Kb / 10P
896 x 1 LINEAR SENSOR ARRAY
TSLW201R TAOS-TSLW201R Datasheet
104Kb / 8P
64 x 1 LINEAR SENSOR ARRAY
logo
ams AG
TSL201CL AMSCO-TSL201CL Datasheet
759Kb / 15P
64  1 LINEAR SENSOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com