Electronic Components Datasheet Search
  English  ▼

X  

PE45384 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE45384
Description  SSMC Plug Right Angle Connector Solder Attachment for PE-PESR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45384 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE45384 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45384 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45384 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45384 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45384 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SSMC Plug Right Angle Connector Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Right Angle Connector Solder Attachment for PE-SR405AL, PE-SR405FL, PE-
SR405FLJ, PE-SR405TN, RG405 PE45384
URL:
https://www.pasternack.com/ssmc-plug-pe-sr405al-pe-sr405fl-pe-sr405tn-rg405-connector-pe45384-p.aspx
PE45384 REV 1.0
RF Connectors Technical Data Sheet
PE45384
SSMC Plug Right Angle Connector Solder Attachment for PE-
SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com