Electronic Components Datasheet Search
  English  ▼

X  

PE45384 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45384
Description  SSMC Plug Right Angle Connector Solder Attachment for PE-PESR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45384 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45384 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45384 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45384 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45384 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45384 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SSMC Plug Connector
• Right Angle Body Geometry
• PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-
SR405TN, RG405 Interface Type
• Solder/Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.5:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Custom Cable Assemblies
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45384 SSMC plug right angle connector with solder/solder attachment for PE-SR405AL, PE-SR405FL, PE-
SR405FLJ, PE-SR405TN and RG405 is part of our full line of RF components available for same-day shipping. Our SSMC
plug connector operates up to a maximum frequency of 12.4 GHz and offers good VSWR of 1.5:1. Its right angle body
geometry allows for easier connections in tight spaces.
Our SSMC plug right angle connector PE45384 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.5:1
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Right Angle Connector Solder Attachment for PE-SR405AL, PE-SR405FL, PE-
SR405FLJ, PE-SR405TN, RG405 PE45384
PE45384 REV 1.0
SSMC Plug Right Angle Connector Solder Attachment for PE-
SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
RF Connectors Technical Data Sheet
PE45384


Similar Part No. - PE45384

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4538 PASTERNACK-PE4538 Datasheet
206Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .375 inch x .500 inch Hole Spacing
PE45380 PASTERNACK-PE45380 Datasheet
344Kb / 4P
SSMC Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE45381 PASTERNACK-PE45381 Datasheet
379Kb / 5P
SSMC Plug Right Angle Connector Crimp Solder Attachment for RG178, RG196
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
PE45383 PASTERNACK-PE45383 Datasheet
378Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
More results

Similar Description - PE45384

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44692 PASTERNACK-PE44692 Datasheet
1Mb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44698 PASTERNACK-PE44698 Datasheet
869Kb / 2P
MCX Plug Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44699 PASTERNACK-PE44699 Datasheet
875Kb / 3P
MMCX Plug Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE45135 PASTERNACK-PE45135 Datasheet
378Kb / 3P
SMA Male Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE44216 PASTERNACK-PE44216 Datasheet
376Kb / 3P
2.4mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE44228 PASTERNACK-PE44228 Datasheet
330Kb / 3P
2.92mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45311 PASTERNACK-PE45311 Datasheet
386Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN
PE45365 PASTERNACK-PE45365 Datasheet
365Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45370 PASTERNACK-PE45370 Datasheet
386Kb / 5P
SSMC Jack Bulkhead Mount Connector Clamp Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45387 PASTERNACK-PE45387 Datasheet
458Kb / 5P
SSMC Jack Right Angle Connector Crimp/Solder Attachment for PE-SR405AL, PE-SR405FL, PESR405FLJ, PE-SR405TN, RG405
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com