Electronic Components Datasheet Search
  English  ▼

X  

PE45385 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45385
Description  SSMC Plug Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45385 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45385 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45385 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45385 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45385 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45385 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SSMC Plug Connector
• Right Angle Body Geometry
• PE-047SR, PE-SR047AL, PE-SR047FL Interface Type
• Solder/Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Custom Cable Assemblies
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45385 SSMC plug right angle connector with solder/solder attachment for PE-047SR, PE-SR047AL and PE-
SR047FL is part of our full line of RF components available for same-day shipping. Our SSMC plug connector operates up to
a maximum frequency of 12.4 GHz. Its right angle body geometry allows for easier connections in tight spaces.
Our SSMC plug right angle connector PE45385 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-
SR047FL PE45385
PE45385 REV 1.0
SSMC Plug Right Angle Connector Solder Attachment
for PE-047SR, PE-SR047AL, PE-SR047FL
RF Connectors Technical Data Sheet
PE45385


Similar Part No. - PE45385

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4538 PASTERNACK-PE4538 Datasheet
206Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .375 inch x .500 inch Hole Spacing
PE45380 PASTERNACK-PE45380 Datasheet
344Kb / 4P
SSMC Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE45381 PASTERNACK-PE45381 Datasheet
379Kb / 5P
SSMC Plug Right Angle Connector Crimp Solder Attachment for RG178, RG196
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
PE45383 PASTERNACK-PE45383 Datasheet
378Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
More results

Similar Description - PE45385

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44039 PASTERNACK-PE44039 Datasheet
830Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44274 PASTERNACK-PE44274 Datasheet
279Kb / 2P
SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44421 PASTERNACK-PE44421 Datasheet
270Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4410 PASTERNACK-PE4410 Datasheet
221Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44456 PASTERNACK-PE44456 Datasheet
208Kb / 2P
MMCX Plug Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44457 PASTERNACK-PE44457 Datasheet
206Kb / 2P
MMCX Plug Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45366 PASTERNACK-PE45366 Datasheet
364Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45371 PASTERNACK-PE45371 Datasheet
385Kb / 5P
SSMC Jack Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45388 PASTERNACK-PE45388 Datasheet
384Kb / 5P
SSMC Jack Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com