Electronic Components Datasheet Search
  English  ▼

X  

PE91083 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE91083
Description  75 Ohm TNC Female to F Male Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91083 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE91083 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91083 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91083 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91083 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
75 Ohm TNC Female to F Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in
the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm TNC Female to F Male Adapter PE91083
URL:
https://www.pasternack.com/tnc-female-f-male-straight-adapter-pe91083-p.aspx
PE91083 REV 1.1
75 Ohm TNC Female to F Male Adapter
RF Adapters Technical Data Sheet
PE91083



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com