Electronic Components Datasheet Search
  English  ▼

X  

PE91083 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91083
Description  75 Ohm TNC Female to F Male Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91083 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91083 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91083 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91083 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91083 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• TNC Female Connector 1
• F Male Connector 2
• 75 Ohms
• Straight Body Geometry
Features
• Max VSWR of 1.35:1 up to 2 GHz
• TNC Interface compliant with MIL-STD-348
• F Interface compliant with MIL-C-39012
• Gold over Nickel Plated Brass Contact
• Contact Plating per MIL-G-45204
Applications
• Allows Connection Between Series
• General Purpose Test
.
Description
Pasternack’s PE91083 75 ohm TNC female to type F male adapter is part of our full line of RF components available for same-
day shipping. Our TNC to type F adapter has a female to male gender configuration. PE91083 TNC female to type F male
adapter operates to 2 GHz. The Pasternack RF adapter provides good VSWR of 1.35:1 maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2
GHz
VSWR
1.35:1
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
Insulation Resistance
5,000
MOhms
. .
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Size
Length
1.22 in [30.99 mm]
Width
0.438 in [11.13 mm]
Weight
0.032 lbs [14.51 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm TNC Female to F Male Adapter PE91083
PE91083 REV 1.1
75 Ohm TNC Female to F Male Adapter
PE91083
RF Adapters Technical Data Sheet


Similar Part No. - PE91083

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9108 PASTERNACK-PE9108 Datasheet
237Kb / 2P
Bulkhead SMC Jack to BNC Female Adapter
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
75 Ohm TNC Male to F Female Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
75 Ohm TNC Male to F Male Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
75 Ohm TNC Female to F Female Adapter
PE91084 PASTERNACK-PE91084 Datasheet
253Kb / 3P
Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz
More results

Similar Description - PE91083

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9396 PASTERNACK-PE9396 Datasheet
247Kb / 3P
75 Ohm N Male to F Female Adapter
PE9397 PASTERNACK-PE9397 Datasheet
249Kb / 3P
75 Ohm N Female to F Male Adapter
PE9622 PASTERNACK-PE9622 Datasheet
244Kb / 2P
75 Ohm TNC Female to TNC Female Adapter
PE9628 PASTERNACK-PE9628 Datasheet
246Kb / 2P
75 Ohm N Female to TNC Male Adapter
PE9630 PASTERNACK-PE9630 Datasheet
247Kb / 2P
75 Ohm TNC Female to BNC Male Adapter
PE9631 PASTERNACK-PE9631 Datasheet
255Kb / 2P
75 Ohm TNC Male to BNC Female Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
75 Ohm TNC Male to F Female Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
75 Ohm TNC Male to F Male Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
75 Ohm TNC Female to F Female Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com