Electronic Components Datasheet Search
  English  ▼

X  

53258 Datasheet(PDF) 1 Page - Micropac Industries

Part # 53258
Description  RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53258 Datasheet(HTML) 1 Page - Micropac Industries

  53258_07 Datasheet HTML 1Page - Micropac Industries 53258_07 Datasheet HTML 2Page - Micropac Industries 53258_07 Datasheet HTML 3Page - Micropac Industries 53258_07 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION  905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
3/8/07
Rev B
Pg. 1 of 4
53258
RADIATION TOLERANT
120VDC – 5A
POWER MOSFET OPTOCOUPLER
Mii
MICROCIRCUITS PRODUCTS
DIVISION
Features:
Design for 100 krad(Si) Total Dose
Hermetically Sealed in Surface Mount Package
Low On-resistance
5A Continuous Output Current
Operation over Full Military Temperature
Range -55°C to +125°C
Optically Coupled
Input / Output Isolation Tested to 1000 VDC
Shock and Vibration Resistance
Applications:
Satellite/Space Systems
Military/High Reliability Systems
Power Distribution/Switching
Solenoid Driver
Stepper Motor Driver
Switching Heaters
DESCRIPTION
The 53258 is a radiation tolerant Power MOSFET Optocoupler designed for military and space applications. This
light-weight device is resistant to damage from severe shock and vibration, and is immune to contact related
problems inherent in electro-mechanical relays. The device is enclosed in a hermetic metal package to ensure
reliability in harsh environments. Effective isolation of 1000 VDC between control and load circuits is achieved
through the use of optical coupling.
Functionally, the device operates as a single-pole single-throw, normally open (1 Form A) DC solid-state relay.
The 53258 SSR is actuated by an input current of 5 to 15 mA, which can be supplied from a standard TTL device.
Output is provided by a power MOSFET exhibiting very low RDS(ON) and capable of carrying a continuous current of
5 amperes. This device is designed to function with minimal degradation after exposure to 100 krad(Si) total dose.
The 53258 SSR is available in a variety of quality levels from COTS to class K including any custom screening
requirements. The basic data sheet part is environmentally screened to H level in accordance with Table C-IX of
MIL-PRF-38534.
ABSOLUTE MAXIMUM RATINGS
Output Voltage ..................................................................................................................................................... 150 VDC
Continuous Output current ............................................................................................................................................ 5 A
Storage Temperature Range ..................................................................................................................-65°C to +150°C
Operating Junction Temperature...........................................................................................................................+150°C
Lead Solder Temperature, for 10 seconds .............................................................................................................300°C
Continuous Input Current .........................................................................................................................................20 mA
Peak Input Current
(1)............................................................................................................................................. 100 mA
Reverse Input Voltage ............................................................................................................................................. 6 VDC
Thermal Impedance Junction to Case (Input Diode).. .................................................................................. 311°C/W
Thermal Impedance Junction to Case (output Transistor). ....................................................................... 0.329°C/W
WEIGHT: ........................................................................................................................................3.7 grams (typical)
RADIATION TOLERANT
This device contains radiation hardened components and/or other features that provide a level of radiation
tolerance.
Micropac does not guarantee any level of radiation hardness.
Specific lot testing is required to
determine the level of radiation hardness. Micropac does not offer this device as compliant to Appendix G (RHA
Requirements) of MIL-PRF-38534.


Similar Part No. - 53258_07

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53258-0729 MOLEX7-53258-0729 Datasheet
137Kb / 3P
3.50mm (.138") Pitch Header, Vertical, Lead-free, 7 Circuits, Brass (CuZn) Contact
More results

Similar Description - 53258_07

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53124 MICROPAC-53124 Datasheet
239Kb / 13P
RADIATION TOLERANT, 짹 90V - 0.8A POWER MOSFET OPTOCOUPLER
53257 MICROPAC-53257 Datasheet
119Kb / 4P
RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY
53258 MICROPAC-53258 Datasheet
118Kb / 4P
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY
66099 MICROPAC-66099 Datasheet
87Kb / 2P
HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
logo
List of Unclassifed Man...
OLS249 ETC-OLS249 Datasheet
25Kb / 3P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
logo
Skyworks Solutions Inc.
OLC049 SKYWORKS-OLC049 Datasheet
307Kb / 6P
Radiation-Tolerant, Phototransistor Surface-Mount Optocoupler
April 20, 2022
OLF249 SKYWORKS-OLF249 Datasheet
287Kb / 6P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
April 14, 2017
OLF449 SKYWORKS-OLF449 Datasheet
354Kb / 6P
Radiation Tolerant, Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
OLI149 SKYWORKS-OLI149 Datasheet
345Kb / 6P
Radiation Tolerant, Photo-Transistor Optocoupler
June 26, 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com