Electronic Components Datasheet Search
  English  ▼

X  

53258 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53258
Description  RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53258 Datasheet(HTML) 2 Page - Micropac Industries

  53258_07 Datasheet HTML 1Page - Micropac Industries 53258_07 Datasheet HTML 2Page - Micropac Industries 53258_07 Datasheet HTML 3Page - Micropac Industries 53258_07 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION  905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
3/8/07
Rev B
Pg. 2 of 4
53258
Radiation Tolerant 120VDC - 5A Power MOSFET Optocoupler
RECOMMENDED OPERATING CONDITIONS:
Parameter
Symbol
Min.
Max.
Units
Output Voltage
(5)
VO (OFF)
120
VDC
Continuous Output Current
IO (ON)
5
A
Input Current (on)
IF (ON)
5
15
mA
Input Voltage (off)
VF (OFF)
0
1
VDC
Operating Case Temperature
TC
-55
125
°C
ELECTRICAL SPECIFICATIONS (Pre-Irradiation)
TC= -55°C to +125°C unless otherwise specified
Parameter
Symbol
Min.
Typ.*
Max.
Unit
s
Test Conditions
Notes
Output On-Resistance
R (ON)
.110
.220
IF = 15 mA
IO = 2A
Pulse width = 10 ms
Duty cycle
 10%
Output Leakage Current
IO (OFF)
250
A
VF = 1 VDC
VO = 150 VDC
Input Forward Voltage
VF
4.20
VDC
IF = 15 mA
Input Reverse Breakdown Voltage
VR
6
40
VDC
IR = 10 A
Input-Output Leakage Current
II-O
1
A
RH
 45%, t = 5 s
VI-O = 1000 VDC
TC = 25°C
2, 3
Turn-On Time
tON
8
ms
IF = 15 mA
IO = 2A
Pulse width = 10 ms
Duty cycle
 10%
Figure 3
Turn-Off time
tOFF
2
ms
Figure 3
Rise Time
tR
6
ms
4,
Figure 3
Fall Time
tF
1
ms
* All typical values are at TC = 25°C
Notes:
1.
Non-repetitive, pulse width
 100 s, T
C = 25°C.
2.
Input pins shorted together and output pins shorted together.
3.
Input-output potential applied momentarily, not a steady state operating condition.
4.
Rise time is measured from 10% to 90% of load current (90% to 10% of VO). Fall time is measured from 90%
to 10% of load current (10% to 90% of VO).
5.
The user should apply the appropriate transient suppression technique to the output terminals of the relay
when the loads are inductive enough to generate voltage spikes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com