Electronic Components Datasheet Search
  English  ▼

X  

GTCSHPM1.13 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # GTCSHPM1.13
Description  OSLON SSL 150
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GTCSHPM1.13 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button GTCSHPM1.13 Datasheet HTML 4Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 5Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 6Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 7Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 8Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 9Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 10Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 11Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IF = f (VF); TJ = 25 °C
ΦVV(350 mA) = f(IF); TJ = 25 °C
Δλdom = f(IF); TJ = 25 °C
GT CSHPM1.13
3
3,7
3,2
3,4
3,6
VF [V]
100
200
400
600
800
1000
IF [mA]
GT CSHPM1.13
10
0
20
0
40
0
60
0
80
0
10
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
ΦV
Φ
V(350mA)
GT CSHPM1.13
10
0
20
0
40
0
60
0
80
0
10
00
IF [mA]
-4
-2
0
2
4
∆λ
dom [nm]
2018-03-19
8
Forward Current 5) page 21 , 7) page 21
Durchlassstrom 5) Seite 21 , 7) Seite 21
Relative Luminous Flux 5) page 21 , 7) page 21
Relativer Lichtstrom 5) Seite 21 , 7) Seite 21
Dominante Wellenlänge 5) Seite 21
Dominant Wavelength 5) page 21
Version 2.0
GT CSHPM1.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com