Electronic Components Datasheet Search
  English  ▼

X  

GTCSHPM1.13 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GTCSHPM1.13
Description  OSLON SSL 150
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GTCSHPM1.13 Datasheet(HTML) 5 Page - OSRAM GmbH

  GTCSHPM1.13 Datasheet HTML 1Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 2Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 3Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 4Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 5Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 6Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 7Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 8Page - OSRAM GmbH GTCSHPM1.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2018-03-19
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
Durchlassspannungsgruppen
Group
Luminous Flux
Luminous Flux
Luminous Intensity
Gruppe
Lichtstrom
Lichtstrom
Lichtstärke
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
LQ
121
130
85
LR
130
140
92
LS
140
150
99
LT
150
164
107
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
H1
2.40
2.50
H2
2.50
2.60
K1
2.60
2.70
K2
2.70
2.80
L1
2.80
2.90
L2
2.90
3.00
M1
3.00
3.10
Dominant Wavelength Groups
Dominant Wellenlängengruppen
Group
true green
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
2
513
519
3
519
525
4
525
531
5
531
537
6
537
543
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.
1) page 21
1) Seite 21
1) page 21
1) Seite 21
5) page 21
5) Seite 21
6) Seite 21
6) page 21
Version 2.0
GT CSHPM1.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com