Electronic Components Datasheet Search
  English  ▼

X  

LERTDCYS2WN Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LERTDCYS2WN
Description  OSRAM OSTAR Stage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERTDCYS2WN Datasheet(HTML) 1 Page - OSRAM GmbH

  LERTDCYS2WN_18 Datasheet HTML 1Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 2Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 3Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 4Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 5Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 6Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 7Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 8Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LE RTDCY S2WN
OSRAM OSTAR Stage
Datasheet
Version 1.1
2018-01-03
1
Compact lightsource in SMT technology, glass
window on top, RoHS compliant
Features
• Package: compact lightsource in SMT
technology with glass window on top
• Technology: ThinGaN UX:3; InGaAlP
• Color: red (625 nm); true green (525 nm);
deep blue (453 nm); converted
yellow (x = 0.57, y = 0.42 acc. to CIE 1931)
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• Viewing angle at 50% I
V: 120°(R; T; D),
130° (CY)
Applications
• Stage lighting
• Mood lighting
• Architectural lighting (effect- and accent
lighting)
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
• Technologie: ThinGaN UX:3; InGaAlP
• Farbe: red (625 nm); true green (525 nm);
deep blue (453 nm); konvertiertes gelb
(x = 0.57, y = 0.42 nach CIE 1931)
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
• Abstrahlwinkel bei 50% I
V: 120°(R; T; D),
130° (CY)
Anwendungen
• Bühnenbeleuchtung
• Stimmungslicht
• Gebäudebeleuchtung (Effekt- und
Akzentbeleuchtung


Similar Part No. - LERTDCYS2WN_18

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LERTDCYS2WN OSRAM-LERTDCYS2WN Datasheet
2Mb / 25P
Stage lighting
More results

Similar Description - LERTDCYS2WN_18

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4730 OSRAM-SFH4730_12 Datasheet
181Kb / 8P
OSRAM OSTAR Observation (850nm)
SFH4761 OSRAM-SFH4761 Datasheet
220Kb / 10P
OSRAM OSTAR Observation (850nm)
LEACWUWVS2W OSRAM-LEACWUWVS2W Datasheet
1Mb / 23P
OSRAM OSTAR Medical
LERTDUWS2WN OSRAM-LERTDUWS2WN_18 Datasheet
1Mb / 25P
OSRAM OSTAR Stage
LERTDUWS2WP OSRAM-LERTDUWS2WP Datasheet
1Mb / 24P
OSRAM OSTAR Stage
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WN OSRAM-LETQ9WN Datasheet
739Kb / 22P
OSRAM OSTAR Projection Compact
LERTDUWS2W OSRAM-LERTDUWS2W Datasheet
983Kb / 23P
OSRAM OSTAR Stage
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
OSRAM OSTAR Projection Compact
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com