Electronic Components Datasheet Search
  English  ▼

X  

LERTDCYS2WN Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LERTDCYS2WN
Description  OSRAM OSTAR Stage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERTDCYS2WN Datasheet(HTML) 3 Page - OSRAM GmbH

  LERTDCYS2WN_18 Datasheet HTML 1Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 2Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 3Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 4Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 5Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 6Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 7Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 8Page - OSRAM GmbH LERTDCYS2WN_18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Version 1.1
LE RTDCY S2WN
2018-01-03
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 85
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 85
°C
Sperrschichttemperatur
Junction temperature
T
j
125 (R)
150 (T, D, CY)
°C
Durchlassstrom pro Chip DC
Forward current per chip DC
(T
S = 25°C)
I
F
40 ... 2500
mA
Durchlassrom pro Chip DC
Forward current per chip DC
(T
S = 25°C;
single Chip operation; only for B, T, CY)
I
F
40 ... 3000
mA
Sperrspannung pro Chip DC
Reverse voltage per chip DC
V
R
not designed for reverse
operation
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com