Electronic Components Datasheet Search
  English  ▼

X  

PE91140 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91140
Description  Low PIM N Female to N Female Adapter With Body Flats
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91140 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91140 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91140 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91140 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91140 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Width
0.551 in [14 mm]
Weight
0.07 lbs [31.75 g]
.
Description
Connector 1
Connector 2
Type
N Female
N Female
Polarity
Standard
Standard
Interface Specification
IEC 169-16, MIL-C-39012
IEC 169-16, MIL-C-39012
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
N Female
N Female
Contact
Beryllium Copper
Silver
Beryllium Copper
Silver
5 µm minimum
5 µm minimum
Insulation
PTFE
PTFE
Outer Conductor
Brass
Tri-Metal
Brass
Tri-Metal
3µm minimum
3µm minimum
. .
Environmental Specifications
Temperature
Operating Range
-45 to +125 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE91140 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM N Female to N Female Adapter With Body Flats PE91140
Low PIM N Female to N Female Adapter With Body Flats
RF Adapters Technical Data Sheet
PE91140



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com