Electronic Components Datasheet Search
  English  ▼

X  

PE91140 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91140
Description  Low PIM N Female to N Female Adapter With Body Flats
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91140 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91140 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91140 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91140 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91140 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• N Female Connector 1
• N Female Connector 2
• 50 Ohms
• Low PIM Design
• Straight Body Geometry
Features
• Max VSWR of 1.2:1 up to 6 GHz
• PIM levels lower than -155 dBc
• N Interface compliant with IEC 169-16, MIL-C-39012
• Silver Plated Beryllium Copper Contact
• 5µm min Silver Contact Plating
Applications
• General Purpose Test
.
Description
Pasternack’s PE91140 Low PIM type N female to type N female adapter is part of our full line of RF components available for
same-day shipping. Our type N to type N adapter has a female to female gender configuration in a Low PIM design. PE91140
type N female to type N female adapter operates to 6 GHz. The Pasternack RF adapter provides excellent VSWR of 1.2:1
maximum and passive intermodulation of -155 dBc maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.2:1
Passive Intermodulation
-155
dBc
using 2x20W tones (800MHz)
Operating Voltage (AC)
1,000
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
. .
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Size
Length
1.5 in [38.1 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM N Female to N Female Adapter With Body Flats PE91140
PE91140 REV 1.1
Low PIM N Female to N Female Adapter With Body Flats
PE91140
RF Adapters Technical Data Sheet


Similar Part No. - PE91140

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9114 PASTERNACK-PE9114 Datasheet
249Kb / 3P
UHF Female to UHF Female Bulkhead Adapter
PE91141 PASTERNACK-PE91141 Datasheet
353Kb / 3P
N Female to N Female Adapter With Body Flats
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
PE91145 PASTERNACK-PE91145 Datasheet
359Kb / 3P
Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
PE91146 PASTERNACK-PE91146 Datasheet
345Kb / 3P
Ruggedized 2.4mm NMD Female to SMA Female Adapter
More results

Similar Description - PE91140

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
172370 AMPHENOL-172370 Datasheet
375Kb / 1P
N FEMALE TO N FEMALE ADAPTER, LOW PIM
172371 AMPHENOL-172371 Datasheet
494Kb / 1P
N FEMALE TO N FEMALE BULKHEAD ADAPTER, LOW PIM
172372 AMPHENOL-172372 Datasheet
374Kb / 1P
N MALE TO N FEMALE ADAPTER, LOW PIM
242265 AMPHENOL-242265 Datasheet
374Kb / 1P
N FEMALE TO SMA MALE ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE91035 PASTERNACK-PE91035 Datasheet
259Kb / 3P
Low PIM N Female to N Female Adapter Low VSWR
PE91040 PASTERNACK-PE91040 Datasheet
260Kb / 3P
Low PIM N Male to N Female Adapter Low VSWR
PE91177 PASTERNACK-PE91177 Datasheet
326Kb / 3P
Low PIM N Male to SMA Female Adapter
PE91178 PASTERNACK-PE91178 Datasheet
326Kb / 3P
Low PIM N Female to SMA Male Adapter
PE91141 PASTERNACK-PE91141 Datasheet
353Kb / 3P
N Female to N Female Adapter With Body Flats
PE91179 PASTERNACK-PE91179 Datasheet
351Kb / 3P
Low PIM Bulkhead Mount N Female to N Female Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com