Electronic Components Datasheet Search
  English  ▼

X  

AB203 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # AB203
Description  Assembly and Handling Information
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

AB203 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  AB203 Datasheet HTML 1Page - Lumileds Lighting Company AB203 Datasheet HTML 2Page - Lumileds Lighting Company AB203 Datasheet HTML 3Page - Lumileds Lighting Company AB203 Datasheet HTML 4Page - Lumileds Lighting Company AB203 Datasheet HTML 5Page - Lumileds Lighting Company AB203 Datasheet HTML 6Page - Lumileds Lighting Company AB203 Datasheet HTML 7Page - Lumileds Lighting Company AB203 Datasheet HTML 8Page - Lumileds Lighting Company AB203 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AB203 LUXEON 3535L Line Application Brief 20160706 ©2016 Lumileds Holding B.V. All rights reserved.
3
1. Component
1.1 Description
LUXEON 3535L, LUXEON 3535L Colors, LUXEON 3535L HE and LUXEON 3535LS emitters (Figure 1) consist of a 3535 lead-
frame package with an anode and a cathode. A small notch on the corner of the package marks the cathode side of the
emitter package. The anode and cathode both serve as thermal pads for the emitter, with the majority of the heat being
dissipated through the larger pad, corresponding to the cathode. The LUXEON emitter does not include any transient voltage
suppressor (TVS) chip to protect the emitter against electrostatic discharges (ESD) Appropriate precautions should therefore
be taken when handling this device (see Section 5.5).
1.2 Optical Center
The optical center coincides with the mechanical center of the LUXEON emitter. Optical rayset data for the LUXEON
emitter are available on the Lumileds website at lumileds.com.
1.3 Handling Precautions
The LUXEON emitter is designed to maximize light output and reliability. However, improper handling of the device may
damage the silicone coating and affect the overall performance and reliability. In order to minimize the risk of damage to
the silicone coating during handling, the LUXEON emitter should only be picked up from the side of the package.
1.4 Cleaning
The LUXEON emitter should not be exposed to dust and debris. Excessive dust and debris may cause a drastic decrease
in optical output. In the event that a LUXEON emitter requires cleaning, first try a gentle swabbing using a lint-free swab.
If needed, a lint-free swab and isopropyl alcohol (IPA) can be used to gently remove dirt from the silicone coating. Do not
use other solvents as they may adversely react with the package of the LUXEON emitter. For more information regarding
chemical compatibility, see Section 6.
1.5 Electrical Isolation
The LUXEON emitter has two electrodes, with a nominal spacing of 0.65mm, at the bottom of the package. In addition, the
LUXEON emitter contains two tabs on the side of the package. These tabs are cut-off remnants of the lead-frame and are
electrically connected to the anode and cathode, respectively. So it is important to keep sufficient distance between the
LUXEON emitter package and any other objects or neighboring LUXEON emitters to prevent any accidental shorts.
In order to avoid any electrical shocks and/or damage to the LUXEON emitter, each design needs to comply with the
appropriate standards of safety and isolation distances, known as clearance and creepage distances, respectively (e.g.
IEC60950, clause 2.10.4).
Figure 1. Package rendering of a representative LUXEON emitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com