Electronic Components Datasheet Search
  English  ▼

X  

AB203 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # AB203
Description  Assembly and Handling Information
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

AB203 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  AB203 Datasheet HTML 1Page - Lumileds Lighting Company AB203 Datasheet HTML 2Page - Lumileds Lighting Company AB203 Datasheet HTML 3Page - Lumileds Lighting Company AB203 Datasheet HTML 4Page - Lumileds Lighting Company AB203 Datasheet HTML 5Page - Lumileds Lighting Company AB203 Datasheet HTML 6Page - Lumileds Lighting Company AB203 Datasheet HTML 7Page - Lumileds Lighting Company AB203 Datasheet HTML 8Page - Lumileds Lighting Company AB203 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ILLUMINATION
AB203 LUXEON 3535L Line Application Brief ©2016 Lumileds Holding B.V. All rights reserved.
LUXEON 3535L Line
Assembly and Handling Information
Introduction
This application brief addresses the recommended assembly and handling
guidelines for LUXEON 3535L, LUXEON 3535L Colors, LUXEON 3535L HE and
LUXEON 3535LS emitters. These emitters deliver high efficacy and quality of light
for distributed light source applications in a compact 3.5mm x 3.5mm package.
Proper assembly, handling and thermal management, as outlined in this application
brief, ensure high optical output and reliability of these emitters.
Scope
The assembly and handling guidelines in this application brief apply to the following
LUXEON product(s):
PRODUCTS
LUXEON 3535L
LUXEON 3535L Colors
LUXEON 3535L HE
LUXEON 3535LS
In the remainder of this document the term LUXEON emitter refers to any product in
the LUXEON 3535L Line listed above.


Similar Part No. - AB203

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
AB203615 FIBOX-AB203615 Datasheet
76Kb / 2P
Enclosure, ABS
13.01.2023
logo
Projects Unlimited, Inc...
AB2036AF PUI-AB2036AF Datasheet
164Kb / 1P
Bender
logo
PUI audio inc.
AB2036AF PUIAUDIO-AB2036AF Datasheet
265Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AB2036B PUI-AB2036B Datasheet
54Kb / 1P
PIEZO CERAMIC BENDER
logo
PUI audio inc.
AB2036B PUIAUDIO-AB2036B Datasheet
188Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AB203

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
AB32 LUMILEDS-AB32 Datasheet
5Mb / 38P
Assembly and Handling Information
AB105 LUMILEDS-AB105 Datasheet
1Mb / 14P
Assembly and Handling Information
AB142 LUMILEDS-AB142 Datasheet
1Mb / 16P
Assembly and handling information
AB156 LUMILEDS-AB156 Datasheet
3Mb / 19P
Assembly and handling information
AB171 LUMILEDS-AB171 Datasheet
1Mb / 13P
Assembly and Handling Information
AB174 LUMILEDS-AB174 Datasheet
1Mb / 10P
Assembly and Handling Information
AB178 LUMILEDS-AB178 Datasheet
1Mb / 12P
Assembly and Handling Information
AB190 LUMILEDS-AB190 Datasheet
1Mb / 11P
Assembly and Handling Information
AB198 LUMILEDS-AB198 Datasheet
4Mb / 29P
Assembly and Handling Information
AB217 LUMILEDS-AB217 Datasheet
1Mb / 13P
Assembly and Handling Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com