Electronic Components Datasheet Search
  English  ▼

X  

CS107 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS107
Description  Compact Fixtures Turn to High Voltage LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS107 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS107 Datasheet HTML 1Page - Lumileds Lighting Company CS107 Datasheet HTML 2Page - Lumileds Lighting Company CS107 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS107 Compact Fixtures Turn to High Voltage LEDs Case Study ©2015 Lumileds Holding B.V. All rights reserved.
Compact Fixtures Turn
to High Voltage LEDs
High voltage LEDs provide the ideal solution
for low-cost residential LED fixtures such as
wall packs, wall sconces and pendants.
Retailers in Brazil have chosen a low-cost, modular
style design using 48V mid-power LEDs from
Lumileds that accompanies the country’s line
voltage—delivering the required lumen output
using up to 5 LEDs per module for over 30 different
commercial fixtures.
Challenge
A variety of commercial lighting fixtures are making the switch from compact
fluorescent technology (CFL) to LED. The reasoning behind this change is multifaceted:
high voltage LED technology allows a lower overall costdown of the driver itself with
the added benefit of more compact designs (due to the small size of the driver and the
high lumens offered by the LUXEON 3535 HV LEDs, which allows you to reduce LED
count in the fixture). LED solutions have become cost-competitive with CFL; and the
long lifetime offered by LED fixtures is highly attractive to consumers.
A project in Brazil, headed by LED module supplier Audax Electronics, sought to create
reasonably priced LED-based wall sconces, wall packs, bollards and pendants based
on high voltage LED technology. The line voltage in Brazil is in majority 127V, so the
selection of three 48V LEDs ideally suited the designers of these commercial fixtures,
which are being sold by retailers at reasonable prices throughout the country.
Solution
Audax Electronics sought to deliver a variety of LED modules that could be used in
multiple commercial lighting fixtures. Specifically, the requirements for these fixtures
included a compact design and also low cost, in order to compete with the CFL
predecessor. The advantage to modules based on high voltage LEDs is that they utilize
drivers containing on average less than 20 components, relative to standard LED
drivers that contain 50 components. As a result, fixture designers can provide a 50%
lower cost solution with high voltage LEDs, while minimizing the amount of inventory
they need to carry to design the driver.
Challenge
Replacing residential CFL fixtures
with compact LED fixtures that are
compatible with Brazil’s line voltage
of 127V.
Solution
Audax Electronics and Lumileds
designed a variety of LED modules for
different commercial lighting fixtures
including wall packs, wall sconces,
bollards and pendants for the Brazilian
market. LUXEON 3535 HV high voltage
LED technology enabled compact
fixture designs with simplified drivers.
Benefits
High voltage LED technology enabled
compact driver design with fewer
than 20 components, reducing the
overall cost of the lighting fixtures and
streamlining the inventory that fixture
manufacturers need to maintain.
Results
Commercially available lighting fixtures
for residential applications in Brazil,
formerly based on compact fluorescent
technology, are cost-effectively
addressed by high voltage LED modules.
Meeting the requirement of Brazil’s line
voltage of 127V, 48V Lumileds mid-
power LEDs used with compact drivers
can reduce the size and cost of wall
packs, sconces and pendants.


Similar Part No. - CS107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS10 ETC1-CS10 Datasheet
124Kb / 2P
CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
AT-CUT CRYSTAL UNIT
logo
Token Electronics Indus...
CS10 TOKEN-CS10 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS10 ETC-CS10 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
CITIZEN ELECTRONICS CO....
CS10 CITIZEN-CS10 Datasheet
4Mb / 1P
AT-CUT CRYSTAL UNIT
More results

Similar Description - CS107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QM1600 ETC2-QM1600 Datasheet
68Kb / 2P
Compact PC Controller PC Performance for fixtures and test system control
logo
A-BRIGHT Inc
AH-TSW-36W-003 A-BRIGHT-AH-TSW-36W-003 Datasheet
507Kb / 4P
600x600x25.4mm LED Light Fixtures
AH-TW0-36W-003 A-BRIGHT-AH-TW0-36W-003 Datasheet
580Kb / 5P
600x600x25.4mm LED Light Fixtures
AH-TSW-36W-003 A-BRIGHT-AH-TSW-36W-003 Datasheet
507Kb / 4P
600x600x25.4mm LED Light Fixtures
AH-TW0-36W-003 A-BRIGHT-AH-TW0-36W-003 Datasheet
580Kb / 5P
600x600x25.4mm LED Light Fixtures
AH-TSW-36W-003 A-BRIGHT-AH-TSW-36W-003_15 Datasheet
507Kb / 4P
LED Light Fixtures
AH-TW0-36W-003 A-BRIGHT-AH-TW0-36W-003_15 Datasheet
580Kb / 5P
LED Light Fixtures
logo
Japan Aviation Electron...
ES6 JAE-ES6 Datasheet
594Kb / 6P
Saves mounting space on boards and is ideal for compact bulbs and fixtures.
logo
OSRAM GmbH
LCWJNSH.PC OSRAM-LCWJNSH.PC Datasheet
1Mb / 22P
Retrofits and fixtures
logo
Lumileds Lighting Compa...
CS108 LUMILEDS-CS108 Datasheet
1Mb / 3P
Fixtures Slim Down with Low-Power LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com