Electronic Components Datasheet Search
  English  ▼

X  

CS107 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # CS107
Description  Compact Fixtures Turn to High Voltage LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS107 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  CS107 Datasheet HTML 1Page - Lumileds Lighting Company CS107 Datasheet HTML 2Page - Lumileds Lighting Company CS107 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS107 Compact Fixtures Turn to High Voltage LEDs Case Study 20150330 ©2015 Lumileds Holding B.V. All rights reserved.
2
Audax chose the Lumileds LUXEON 3535 HV LED for several
reasons: high reliability relative to comparable products in
the market competitive pricing and the ability to deliver the
required voltages and lumen output for over 30 kinds of
fixtures.
Benefits
The residential consumer lighting market is extremely cost
sensitive. Since the driver represents a considerable portion
of LED fixture cost, the use of high voltage LEDs represents
a compelling solution—the compatible high voltage drivers
themselves are less expensive than standard drivers.
Furthermore, the small size of the high voltage drivers simplifies
the overall design process and enables more compact fixtures.
Lumileds offers the LUXEON 3535 HV LEDs in 24V and 48V
formats and have a comprehensive ecosystem of drivers
available (which can be found at lumileds.com/designtools).
The result is compact and cost efficient fixture design and
faster time to market of LED fixtures.
“Audax Electronics chose the LUXEON 3535 HV LED to use in its modules based on
its high reliability, ability to achieve a low cost point for consumer lighting, and also
the high lumens and overall performance offered by the
48V product.”
— Rafael Grassi
Director, Audax Electronics
Results
For the residential market in Brazil, Audax’s residential lighting
products signify a successful departure from traditional
CFL-based lighting. Using Lumileds LUXEON 3535 HV LEDs
in conjunction with high voltage drivers designed in-house,
Audax was able to produce standard boards which are used
in over 30 different kinds of fixtures such as wall packs, wall
sconces, bollards and pendants. “Audax Electronics chose
the LUXEON 3535 HV LED to use in its modules based on its
high reliability, ability to achieve a low cost point for consumer
lighting, and also the high lumens and overall performance
offered by the 48V product,” said Rafael Grassi, Director of
Audax Electronics. The high voltage driver design and high
lumens produced by the LUXEON 3535 HV 48V ultimately
resulted in a design that was compact yet powerful, making
these residential LED fixtures competitive with their CFL
predecessors.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com