Electronic Components Datasheet Search
  English  ▼

X  

CS114 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS114
Description  Illuminated Signs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS114 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS114 Datasheet HTML 1Page - Lumileds Lighting Company CS114 Datasheet HTML 2Page - Lumileds Lighting Company CS114 Datasheet HTML 3Page - Lumileds Lighting Company CS114 Datasheet HTML 4Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CASE STUDY
CS114 Illuminated Signs Case Study ©2015 Lumileds Holding B.V. All rights reserved.
Illuminated Signs
World’s Thinnest Lighted Signs Fly at San
Jose Airport with LUXEON-Based Noveseo
Light Modules.
Challenge
For a 21st century airport in the heart of California’s Silicon Valley, nothing should be
business as usual, including the signage. With that in mind Jacobs Carter Burgess—
the architectural firm overseeing the expansion and renovation of the Mineta San
Jose International Airport—put out a call for a fresh approach to building illuminated
wayfinding signs that would essentially reinvent the category.
The architects were looking for a sleek, modern, eco-friendly sign design that fit the
region’s reputation for technology innovation as well as the overall vision for the
airport facelift. The new signs also had to be illuminated by power LEDs made from
the semiconductors that gave Silicon Valley its name. Those requirements led to a
sign cabinet that is just 4” deep—half the 8” depth of models made with standard
fluorescent, neon or LED backlights—and the slimmest double-faced illuminated sign
ever produced.
The design hinges on a perimeter lighting concept utilizing minimum 100-lumen
LUXEON® Rebel LEDs from Philips Lumileds installed in Noveseo™ LED light modules
engineered specifically for the project by Silicon Constellations Inc. in Santa Clara.
The use of solid-state lighting also provides energy efficiency, longevity and other
benefits that advance San Jose’s ‘Green Vision’ agenda for reducing the city’s energy
consumption as well as establishing the region as a role model for sustainable
development.
Thin Is In
The perimeter lighting scheme driving the new airport signs was cooperatively con-
ceived by engineers at Silicon Constellations and Oakland-based Arrow Sign Company.
The idea proposed to David Mastrandrea, architect at Jacobs Carter Burgess, was to
illuminate the signs from within by placing LED modules along the top and bottom
edge of each sign and use an acrylic dif- fuser panel behind the sign faces, creating
A live demo in early 2008 included side-by-side
comparisons of the Rebellious I and four competing
LED modules. The visible difference in performance
helped seal the deal.


Similar Part No. - CS114

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
CS114 SYNQOR-CS114 Datasheet
2Mb / 9P
All capacitors are X7R multi-layer ceramic
More results

Similar Description - CS114

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
FSM000100005-E2 LINKCOM-FSM000100005-E2 Datasheet
122Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100005-A1 LINKCOM-FSM000100005-A1 Datasheet
130Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100005-A2 LINKCOM-FSM000100005-A2 Datasheet
126Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100005-O1 LINKCOM-FSM000100005-O1 Datasheet
126Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100005-P1 LINKCOM-FSM000100005-P1 Datasheet
127Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100006-A12 LINKCOM-FSM000100006-A12 Datasheet
127Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100006-O12 LINKCOM-FSM000100006-O12 Datasheet
127Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100006-P32 LINKCOM-FSM000100006-P32 Datasheet
127Kb / 1P
LED EVACUATION SIGNS SERIES
FSM000100006-P42 LINKCOM-FSM000100006-P42 Datasheet
123Kb / 1P
LED EVACUATION SIGNS SERIES
logo
Cree, Inc
C4SMT-RJS CREE-C4SMT-RJS Datasheet
998Kb / 9P
Electronic Signs & Signals
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com