Electronic Components Datasheet Search
  English  ▼

X  

CS114 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # CS114
Description  Illuminated Signs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS114 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  CS114 Datasheet HTML 1Page - Lumileds Lighting Company CS114 Datasheet HTML 2Page - Lumileds Lighting Company CS114 Datasheet HTML 3Page - Lumileds Lighting Company CS114 Datasheet HTML 4Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CS114 Illuminated Signs Case Study 20150330 ©2015 Lumileds Holding B.V. All rights reserved.
2
Noveseo Rebellious I LED Light Engines
The Rebellious I LED light modules used in the new wayfinding signs at the San
Jose International Airport are ideal for applications ranging from illumi- nated signs
to channel letters and cove lighting. Part of the Noveseo family of LED solutions
from Silicon Constellations and built with LUXEON Rebel LEDs, they provide a high-
brightness, high-efficiency lighting solution offering long service lifetime, advanced
thermal manage- ment, minimum 100 lumen/watt performance, and the ability to be
driven up to 1.0A and deliver 195 lumens in constant-current configuration. A 1W/
module constant-voltage configuration is also available.
Each Rebellious I module measures just 1” x 1.5” with 12” wiring between modules
to provide maximum flexibility for lighting designers. The modules are available
in custom wire lengths, in multiple colors, and with a variety of optional optics for
addressing different light distribution applications. The Rebellious I module is UL-
listed Type II, can be used for indoor and outdoor applications in dry, damp and wet
conditions, and has a lifespan of 60,000+ hours even at an ambient temperature of
70 °C (158 °F).
the same effect as a backlight without requiring space in the
cabinet to mount a backlight panel.
This strategy would shrink the standard signage depth by
50% and yield a sleek 4” silhouette barely thicker than a non-
illuminated billboard—precisely what the airport’s architects
were looking for.
The challenge was to find an LED that would emit enough
light to produce sufficient brightness from perimeter lighting
without requiring too many LEDs or generating excess
heat. The LUXEON Rebel product solved the problem with
its minimum 100-lumen part and market-leading thermal
efficiency. It also offered other technical advantages, including
the best lumen maintenance of any power LED driven at high
currents—in this case, 700mA.
“To deliver the brightness levels we needed for perimeter
lighting, we required the best-performing LED we could get
our hands on. We needed a combination of fac- tors that
included high flux, low forward voltage and peak thermal
efficiency,” said Bojan Silic, founder and CTO of Silicon
Constellations. “The minimum 100 lumen LUXEON Rebel was
the only LED on the market that met all of our requirements.”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com