Electronic Components Datasheet Search
  English  ▼

X  

PE91349 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91349
Description  Precision 75 Ohm F Female to F Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91349 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91349 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91349 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91349 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
F Female
F Female
Contact
Beryllium Copper
Gold
Beryllium Copper
Gold
Outer Conductor
Brass
Nickel
Brass
Nickel
Body
Brass
Nickel
Brass
Nickel
. .
Compliance Certifications (see product page for current document)
Precision 75 Ohm F Female to F Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 75 Ohm F Female to F Female Adapter PE91349
URL:
https://www.pasternack.com/f-female-f-female-straight-adapter-pe91349-p.aspx
PE91349 REV 1.0
Precision 75 Ohm F Female to F Female Adapter
RF Adapters Technical Data Sheet
PE91349



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com