Electronic Components Datasheet Search
  English  ▼

X  

PE91349 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91349
Description  Precision 75 Ohm F Female to F Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91349 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91349 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91349 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91349 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• F Female Connector 1
• F Female Connector 2
• 75 Ohms
• Precision Design
• Straight Body Geometry
.
Description
Pasternack’s PE91349 precision 75 ohm type F female to type F female adapter is part of our full line of RF components
available for same-day shipping. Our type F to type F adapter has a female to female gender configuration in a precision
design. PE91349 type F female to type F female adapter operates to 3 GHz. The Pasternack RF adapter provides good
VSWR of 1.28:1 maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.28:1
Return Loss
18
dB
Insertion Loss
0.5
dB
. .
Mechanical Specifications
Size
Length
1.02 in [25.91 mm]
Width
0.5 in [12.7 mm]
Weight
0.017 lbs [7.71 g]
.
Description
Connector 1
Connector 2
Type
F Female
F Female
Polarity
Standard
Standard
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 75 Ohm F Female to F Female Adapter PE91349
PE91349 REV 1.0
Precision 75 Ohm F Female to F Female Adapter
PE91349
RF Adapters Technical Data Sheet


Similar Part No. - PE91349

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91341 PASTERNACK-PE91341 Datasheet
344Kb / 4P
Hermetically Sealed Snap-On QMA Male to QMA Male Snap-On Adapter
PE91342 PASTERNACK-PE91342 Datasheet
344Kb / 4P
Hermetically Sealed Snap-On QMA Male to QMA Female Snap-On Adapter
PE91343 PASTERNACK-PE91343 Datasheet
344Kb / 4P
Hermetically Sealed Snap-On QMA Female to QMA Female Snap-On Adapter
PE91344 PASTERNACK-PE91344 Datasheet
346Kb / 4P
Hermetically Sealed Snap-On QMA Male to SMA Male Snap-On Adapter
PE91345 PASTERNACK-PE91345 Datasheet
345Kb / 4P
Hermetically Sealed Snap-On QMA Male to SMA Female Snap-On Adapter
More results

Similar Description - PE91349

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9164 PASTERNACK-PE9164 Datasheet
233Kb / 2P
75 Ohm F Female to F Female Adapter
PE9167 PASTERNACK-PE9167 Datasheet
243Kb / 2P
50 Ohm UHF Female to 75 Ohm F Female Adapter
PE9734 PASTERNACK-PE9734 Datasheet
245Kb / 3P
75 Ohm F Female to F Female Bulkhead Adapter
PE9737 PASTERNACK-PE9737 Datasheet
245Kb / 2P
Precision 75 Ohm N Male to F Female Adapter
PE9739 PASTERNACK-PE9739 Datasheet
246Kb / 3P
Precision 75 Ohm N Female to F Male Adapter
PE9740 PASTERNACK-PE9740 Datasheet
245Kb / 3P
Precision 75 Ohm N Female to F Female Adapter
PE9744 PASTERNACK-PE9744 Datasheet
240Kb / 2P
Precision 75 Ohm F Female to BNC Female Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
75 Ohm TNC Female to F Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com