Electronic Components Datasheet Search
  English  ▼

X  

PE91364 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91364
Description  Push-On SMP Female to MMBX Plug Snap-On Adapter, with male center contact
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91364 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91364 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91364 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91364 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91364 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE91364 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
.
Description
Connector 1
Connector 2
Type
SMP Female
MMBX Plug
Polarity
Standard
Standard
Mating Cycles
100
100
Contact Captivation Axial Force, Min
2.25 lbs [1.02 Kg]
2.25 lbs [1.02 Kg]
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
Push-On SMP Female
Snap-On MMBX Plug
Contact
Beryllium Copper
Gold
Beryllium Copper
Gold
Insulation
PTFE
PTFE
Outer Conductor
Brass
Gold
Beryllium Copper
Gold
Body
Beryllium Copper
Gold
Beryllium Copper
Gold
. .
Environmental Specifications
Temperature
Operating Range
-55 to +155 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE91364 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Push-On SMP Female to MMBX Plug Snap-On Adapter, with male center contact PE91364
Push-On SMP Female to MMBX Plug Snap-
On Adapter, with male center contact
RF Adapters Technical Data Sheet
PE91364



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com