Electronic Components Datasheet Search
  English  ▼

X  

PE91364 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91364
Description  Push-On SMP Female to MMBX Plug Snap-On Adapter, with male center contact
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91364 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91364 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91364 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91364 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91364 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE91364 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Push-On SMP Female Connector 1
• Snap-On MMBX Plug Connector 2
• 50 Ohms
• Straight Body Geometry
Features
• Max VSWR of 1.25:1 up to 6 GHz
• Gold Plated Beryllium Copper Contact
• Reliable Snap-On connection method
• Mechanical misalignment tolerance of 4.5°/0.7mm Max
Applications
• Allows Connection Between Series
• General Purpose Test
• Low cost blind mate interconnect
• Multi circuit board radios
• Board to board applications
requiring multiple coaxial
connections
.
Description
Pasternack’s PE91364 push-on SMP female to MMBX plug snap-on adapter, is part of our full line of RF components available
for same-day shipping. Our SMP to MMBX adapter has a female to plug gender configuration. PE91364 SMP female to MMBX
plug adapter is gold plated and operates to 6 GHz. The Pasternack RF adapter provides excellent VSWR of 1.25:1 maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.25:1
Insertion Loss
0.36
dB
Operating Voltage (AC)
300
Vrms
Dielectric Withstanding Voltage (AC)
500
Vrms
Insulation Resistance
1,000
MOhms
. .
Mechanical Specifications
Size
Length
0.3 in [7.62 mm]
Width
0.15 in [3.81 mm]
Weight
0.0005 lbs [0.23 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Push-On SMP Female to MMBX Plug Snap-On Adapter, with male center contact PE91364
PE91364 REV 1.0
Push-On SMP Female to MMBX Plug Snap-
On Adapter, with male center contact
PE91364
RF Adapters Technical Data Sheet


Similar Part No. - PE91364

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9136 PASTERNACK-PE9136 Datasheet
245Kb / 2P
SMB Jack to BNC Female Adapter
PE91360 PASTERNACK-PE91360 Datasheet
355Kb / 4P
SMA Male to MMBX Plug Snap-On Adapter, with male center contact
PE91361 PASTERNACK-PE91361 Datasheet
356Kb / 4P
SMA Female to MMBX Plug Snap-On Adapter, with male center contact
PE91362 PASTERNACK-PE91362 Datasheet
355Kb / 4P
SMA Male to MMBX Jack Push-On Adapter, with female center contact
PE91363 PASTERNACK-PE91363 Datasheet
355Kb / 4P
SMA Female to MMBX Jack Push-On Adapter, with female center contact
More results

Similar Description - PE91364

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91068 PASTERNACK-PE91068 Datasheet
237Kb / 3P
Push-On SMP Female to SMP Female Push-On Adapter up to 8 GHz
PE91073 PASTERNACK-PE91073 Datasheet
258Kb / 3P
TNC Female to SMP Male Push-On Bulkhead Adapter Limited Detent
PE45251 PASTERNACK-PE45251 Datasheet
372Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG316, RG174, With Male Center Contact
PE91360 PASTERNACK-PE91360 Datasheet
355Kb / 4P
SMA Male to MMBX Plug Snap-On Adapter, with male center contact
PE91361 PASTERNACK-PE91361 Datasheet
356Kb / 4P
SMA Female to MMBX Plug Snap-On Adapter, with male center contact
PE91362 PASTERNACK-PE91362 Datasheet
355Kb / 4P
SMA Male to MMBX Jack Push-On Adapter, with female center contact
PE91363 PASTERNACK-PE91363 Datasheet
355Kb / 4P
SMA Female to MMBX Jack Push-On Adapter, with female center contact
PE91370 PASTERNACK-PE91370 Datasheet
356Kb / 4P
Slide-On MMBX Plug to MMBX Plug Snap-On Adapter, 4.8mm Long Bullet
PE91372 PASTERNACK-PE91372 Datasheet
355Kb / 4P
Snap-On MMBX Plug to MMBX Plug Slide-On Adapter, 12mm Long Bullet
PE91373 PASTERNACK-PE91373 Datasheet
355Kb / 4P
Slide-On MMBX Plug to MMBX Plug Snap-On Adapter, 7mm Long Bullet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com