Electronic Components Datasheet Search
  English  ▼

X  

PE91391 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91391
Description  Low PIM 7/16 DIN Female to 4.3-10 Male Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91391 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91391 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91391 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91391 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91391 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
1.32 in [33.53 mm]
Width
1.14 in [28.96 mm]
Weight
0.159 lbs [72.12 g]
.
Description
Connector 1
Connector 2
Type
7/16 DIN Female
4.3-10 Male
Polarity
Standard
Standard
Mating Cycles
100
100
Hex Size
22 mm
Contact Retention Force, Min
44 lbs [19.96 Kg]
6 lbs [2.72 Kg]
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
7/16 DIN Female
4.3-10 Male
Contact
Bronze
Silver
Bronze
Silver
Insulation
PTFE
PTFE
Outer Conductor
Brass
Tri-Metal
Body
Brass
Tri-Metal
Brass
Tri-Metal
. .
Environmental Specifications
Temperature
Operating Range
-55 to +90 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE91391 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM 7/16 DIN Female to 4.3-10 Male Adapter PE91391
Low PIM 7/16 DIN Female to 4.3-10 Male Adapter
RF Adapters Technical Data Sheet
PE91391



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com