Electronic Components Datasheet Search
  English  ▼

X  

PE91391 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91391
Description  Low PIM 7/16 DIN Female to 4.3-10 Male Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91391 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91391 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91391 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91391 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91391 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• 7/16 DIN Female Connector 1
• 4.3-10 Male Connector 2
• 50 Ohm
• Low PIM Design
• Straight Body Geometry
Features
• Max VSWR of 1.08:1 up to 6 GHz
• PIM levels lower than -166 dBc
• Silver Plated Bronze Contact
• Low Coupling Torque
• Corrosion Resistant Tri-Metal Finish
Applications
• Allows Connection Between Series
• General Purpose Test
• Low PIM Applications
• Mobile Communications Systems
• Base Stations
• Distributed Antenna Systems
(DAS)
• Small Cells
• Feeder Cables
.
Description
Pasternack’s PE91391 7/16 DIN female to 4.3-10 male adapter is part of our full line of RF components available for same-day
shipping. Our 7/16 DIN to 4.3-10 adapter has a female to male gender configuration in a low PIM design. PE91391 7/16 DIN
female to 4.3-10 male adapter operates to 6 GHz. The Pasternack RF adapter provides excellent VSWR of 1.08:1 maximum
and passive intermodulation of -166 dBc maximum.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.08:1
Insertion Loss
0.13
dB
Passive Intermodulation
-166
dBc
Operating Voltage (AC)
1,000
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
Insulation Resistance
5,000
MOhms
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM 7/16 DIN Female to 4.3-10 Male Adapter PE91391
PE91391 REV 1.0
Low PIM 7/16 DIN Female to 4.3-10 Male Adapter
PE91391
RF Adapters Technical Data Sheet


Similar Part No. - PE91391

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9139 PASTERNACK-PE9139 Datasheet
252Kb / 3P
SMC Plug to BNC Male Adapter
PE91390 PASTERNACK-PE91390 Datasheet
357Kb / 4P
Low PIM 7/16 DIN Male to 4.3-10 Female Adapter
PE91392 PASTERNACK-PE91392 Datasheet
357Kb / 3P
TNC Female to 7/16 DIN Female Adapter
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
Slide-On BMA Jack to BMA Jack Slide-On Adapter
PE91396 PASTERNACK-PE91396 Datasheet
360Kb / 4P
Slide-On BMA Plug to SMA Male Adapter
More results

Similar Description - PE91391

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91028 PASTERNACK-PE91028 Datasheet
362Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91031 PASTERNACK-PE91031 Datasheet
457Kb / 4P
Low PIM N Female to 7/16 DIN Male Adapter Low VSWR
logo
Amphenol Corporation
272292 AMPHENOL-272292 Datasheet
385Kb / 1P
7/16 FEMALE TO MALE ADAPTER,LOW PIM
logo
Pasternack Enterprises,...
PE91036 PASTERNACK-PE91036 Datasheet
260Kb / 3P
Low PIM SMA Female to 7/16 DIN Male Adapter Low VSWR
PE91385 PASTERNACK-PE91385 Datasheet
358Kb / 4P
Low PIM 4.3-10 Male to 4.3-10 Male Adapter
PE91386 PASTERNACK-PE91386 Datasheet
357Kb / 4P
Low PIM 4.3-10 Female to 4.3-10 Female Adapter
PE91387 PASTERNACK-PE91387 Datasheet
357Kb / 4P
Low PIM 4.3-10 Male to 4.3-10 Female Adapter
PE91388 PASTERNACK-PE91388 Datasheet
357Kb / 4P
Low PIM N Male to 4.3-10 Female Adapter
PE91389 PASTERNACK-PE91389 Datasheet
357Kb / 4P
Low PIM 4.3-10 Male to N Female Adapter
PE91390 PASTERNACK-PE91390 Datasheet
357Kb / 4P
Low PIM 7/16 DIN Male to 4.3-10 Female Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com