Electronic Components Datasheet Search
  English  ▼

X  

DS3152 Datasheet(PDF) 60 Page - Dallas Semiconductor

Part # DS3152
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3152 Datasheet(HTML) 60 Page - Dallas Semiconductor

Back Button DS3152 Datasheet HTML 52Page - Dallas Semiconductor DS3152 Datasheet HTML 53Page - Dallas Semiconductor DS3152 Datasheet HTML 54Page - Dallas Semiconductor DS3152 Datasheet HTML 55Page - Dallas Semiconductor DS3152 Datasheet HTML 56Page - Dallas Semiconductor DS3152 Datasheet HTML 57Page - Dallas Semiconductor DS3152 Datasheet HTML 58Page - Dallas Semiconductor DS3152 Datasheet HTML 59Page - Dallas Semiconductor DS3152 Datasheet HTML 60Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 60 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
Maxim/Dallas Semiconductor cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim/Dallas Semiconductor product.
No circuit patent licenses are implied. Maxim/Dallas Semiconductor reserves the right to change the circuitry and specifications without notice at any time.
Ma xi m Integr at ed Pr oducts, 120 San Gabr i el Dr ive, Sunnyval e, CA 94086 40 8- 737- 7600
© 2003 Maxim Integrated Products
· Printed USA
60 of 60
16.
THERMAL INFORMATION
Table 16-A. Thermal Properties, Natural Convection
PARAMETER
MIN
TYP
MAX
UNITS
Ambient Temperature (Note 1)
-40
+85
°C
Junction Temperature
-40
+125
°C
Theta-JA (
qJA), Still Air (Note 2)
22.4
°C/W
Psi-JB
9.2
°C/W
Psi-JT
1.6
°C/W
Note 1: The package is mounted on a four-layer JEDEC standard test board with no airflow and dissipating maximum power.
Note 2: Theta-JA (
qJA) is the junction-to-ambient thermal resistance, when the package is mounted on a four-layer JEDEC standard test board
with no airflow and dissipating maximum power.
Table 16-B. Theta-JA (
qJA) vs. Airflow
FORCED AIR (m/s)
THETA-JA (
qJA)
0
22.4
°C/W
1
19.0
°C/W
2.5
17.2
°C/W
17.
REVISION HISTORY
REVISION
DESCRIPTION
012103
DS3154 new product release
040403
DS3151/DS3152/DS3153 new product releases.
Electrical Characteristics section, Notes 1 and 2: Changed 44.73MHz to 51.84MHz; added indication that
specs are lower for rev A2; “all ones driven into RXPn/RXNn (1.0V square wave)” changed to “analog
loopback enabled” to match production test methodology.
Table 13-B, Input leakage, IIL: -10
mA min changed to -50mA min.
Table 13-B: Replaced TBD values for IDD, IDDTS, and IDDPD (DS3151/DS3152/DS3153); changed IDDPD
spec from 38 typ and 50 max to 45 typ and 70 max.
Table 14-A and Table 14-B: Changed pins RBIN, RCINV, TBIN, and TCINV to “N.C.” to reflect they are
not available in CPU bus mode.
072303
Figure 1-1: Labeled capacitors connected to transformer center taps as “(optional)”.
Section 6, Optional Pre-Amp Paragraph: Clarified that the pre-amp contributes +14dB of flat gain.
Table 11-A: Changed leakage inductance to 0.150
mH max.
Table 11-B: Reformatted table and added row for Pulse Engineering’s T3049 octal transformer.
Table 13-H: Reworded Note 20.
120303
GCR Register Definition (page 16): Clarified that RST bit holds the digital logic of the LIU in reset rather
than the whole LIU.
Table 13-B: Changed DS3151 IDD from 130mA (max) to 100mA (max). Changed DS3151 IDDTTS from
105mA (max) to 80mA (max). Removed sentences in Notes 1 and 2 that labeled IDD and IDDTTS specs for
rev A1 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com