Electronic Components Datasheet Search
  English  ▼

X  

DS3152 Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS3152
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3152 Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS3152 Datasheet HTML 20Page - Dallas Semiconductor DS3152 Datasheet HTML 21Page - Dallas Semiconductor DS3152 Datasheet HTML 22Page - Dallas Semiconductor DS3152 Datasheet HTML 23Page - Dallas Semiconductor DS3152 Datasheet HTML 24Page - Dallas Semiconductor DS3152 Datasheet HTML 25Page - Dallas Semiconductor DS3152 Datasheet HTML 26Page - Dallas Semiconductor DS3152 Datasheet HTML 27Page - Dallas Semiconductor DS3152 Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
24 of 60
§ ITU bit set to 1
–
A BPV with the same polarity as the last BPV.
When RLCV is asserted to flag a BPV, the RDAT pin outputs a one. The state bit that tracks the polarity of the last
BPV is toggled on every BPV, whether part of a valid B3ZS/HDB3 codeword or not.
To support a glueless interface to a variety of neighboring components, the polarity of RCLK can be inverted.
Normally, data is output on the RPOS/RDAT and RNEG/RLCV pins on the falling edge of RCLK. To output data on
these pins on the rising edge of RCLK, pull the RCINV pin high (hardware mode) or set the RCINV configuration bit
(CPU bus mode).
The RCLK, RPOS/RDAT, and RNEG/RLCV pins can be tri-stated to support protection switching and redundant-
LIU applications. This tri-stating capability supports system configurations where two or more LIUs are wire-ORed
together and a system processor selects one to be active. To tri-state RCLK, RPOS/RDAT, and RNEG/RLCV,
assert the
RTS pin or the RTS configuration bit.
Receive Line-Code Violation Counter. The line-code violation counter is always enabled regardless of the
settings of the RBIN pin or the RBIN configuration bit. The receiver has an internal 16-bit saturating counter and a
16-bit latch, which the CPU can read as registers RCVH and RCVL. The value of the internal counter is latched into
the RCVH/RCVL register and cleared when the receive code-violation counter update bit, RCVUD, is changed from
a zero to a one. The RCVUD bit must be cleared back to a zero before a new update can occur. If there is an LCV
increment pulse and an update pulse in the same clock period, the counter is preset to a one rather than cleared
so that the LCV is not missed. The counter is incremented when the RLCV pin flags a code violation as described
in the Framer Interface Format and the B3ZS/HDB3 Decoder section. The counter saturates at 65,535 (0FFFFh)
and does not roll over.
Receiver Power-Down. To minimize power consumption when the receiver is not being used, assert the RPD
configuration bit (CPU bus mode). When the receiver is powered down, the RCLK, RPOS/RDAT, and RNEG/RLCV
pins are tri-stated. In addition, the RXP and RXN pins become high impedance.
Receiver Jitter Tolerance. The receiver exceeds the input jitter tolerance requirements of all applicable
telecommunication standards in Table 1-A. See Figure 6-1.
Figure 6-1. Receiver Jitter Tolerance
10
100
1k
10k
100k
1M
60k
22.3k
2.3k
669
0.1
1.0
10
300k
800k
300
30
0.1
0.15
0.3
10
5
1.5
E3 G.823
DS3 GR-499 Cat II
DS3 GR-499 Cat I
DS315x JITTER TOLERANCE
15
STS-1 GR253
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com