Electronic Components Datasheet Search
  English  ▼

X  

DS3154 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS3154
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3154 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS3154 Datasheet HTML 6Page - Dallas Semiconductor DS3154 Datasheet HTML 7Page - Dallas Semiconductor DS3154 Datasheet HTML 8Page - Dallas Semiconductor DS3154 Datasheet HTML 9Page - Dallas Semiconductor DS3154 Datasheet HTML 10Page - Dallas Semiconductor DS3154 Datasheet HTML 11Page - Dallas Semiconductor DS3154 Datasheet HTML 12Page - Dallas Semiconductor DS3154 Datasheet HTML 13Page - Dallas Semiconductor DS3154 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
10 of 60
4. PIN DESCRIPTIONS
Table 4-A. Active I/O Pins—Hardware and CPU Bus Modes
NAME
TYPE
FUNCTION
HARDWARE
MODE
CPU BUS
MODE
TRANSMITTER
TCLKn
I
Transmitter Clock
Active
Active
TPOSn/TDATn
I
Transmitter Positive AMI/Transmitter Data
Active
Active
TNEGn
I
Transmitter Negative AMI
Active
Active
TXPn, TXNn
O
Transmitter Analog Outputs
Active
Active
TTSn
I
Transmitter Tri-State Enable
Active
Active
TDMn
O
Transmitter Driver Monitor Output
Active
Active
TDSAn, TDSBn
I
Transmitter Data Select
Active
TLBOn
I
Transmitter Line Build-Out Enable
Active
TJAn
I
Transmitter Jitter Attenuator Enable
Active
RECEIVER
RXPn, RXNn
I
Receiver Analog Inputs
Active
Active
RCLKn
O
Receiver Clock
Active
Active
RPOSn/RDATn
O
Receiver Positive AMI/Receiver Data
Active
Active
RNEGn/RLCVn
O
Receiver Negative AMI/Line-Code Violation
Active
Active
RTSn
I
Receiver Tri-State Enable
Active
Active
RLOSn
O
Receiver LOS Output
Active
Active
RMONn
I
Receiver Monitor Enable
Active
RJAn
I
Receiver Jitter Attenuator Enable
Active
GLOBAL
HIZ
I
High-Z Enable
Active
Active
RST
I
Reset Enable
Active
Active
HW
I
Hardwired Mode Enable
Active
Active
T3MCLK
I
T3 Master Clock (44.736MHz ±20ppm)
Active
Active
E3MCLK
I
E3 Master Clock (34.368MHz ±20ppm)
Active
Active
STMCLK
I
STS-1 Master Clock (51.840MHz ±20ppm)
Active
Active
PRBSn
O
PRBS Detector Output
Active
Active
LLBn, RLBn
I
Local Loopback, Remote Loopback Select
Active
E3Mn, STSn
I
E3 Mode Enable, STS-1 Mode Enable
Active
RBIN
I
Receiver Binary Interface Enable
Active
TBIN
I
Transmitter Binary Interface Enable
Active
RCINV
I
Receiver Clock Invert
Active
TCINV
I
Transmitter Clock Invert
Active
MOT
I
Motorola CPU Bus Enable
Active
ALE
I
Address Latch Enable
Active
CS
I
Chip Select
Active
WR / R/W
I
Write Enable / Read/Write Select
Active
RD/DS
I
Read Enable/Data Strobe
Active
A[5:0]
I
Address Bus
Active
D[7:0]
I/O
Data Bus
Active
INT
O
Interrupt Output
Active
Note: In CPU bus mode, status/control pins are replaced by register bits. See Register Map in Section 5. For pin names of the form PINn,
n = LIU# = 1, 2, 3, or 4. PIN1 is on LIU 1, PIN2 is on LIU 2, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com