Electronic Components Datasheet Search
  English  ▼

X  

DS3154 Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS3154
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3154 Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS3154 Datasheet HTML 11Page - Dallas Semiconductor DS3154 Datasheet HTML 12Page - Dallas Semiconductor DS3154 Datasheet HTML 13Page - Dallas Semiconductor DS3154 Datasheet HTML 14Page - Dallas Semiconductor DS3154 Datasheet HTML 15Page - Dallas Semiconductor DS3154 Datasheet HTML 16Page - Dallas Semiconductor DS3154 Datasheet HTML 17Page - Dallas Semiconductor DS3154 Datasheet HTML 18Page - Dallas Semiconductor DS3154 Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
15 of 60
5. REGISTER DESCRIPTIONS
When the DS315x is configured in CPU bus mode (HW = 0), the registers shown in Table 5-A are accessible
through the CPU bus interface. All registers for the LIU ports are forced to their default values during an internal
power-on reset or when the
RST pin is driven low. Setting an LIU’s RST bit high forces all registers for that LIU to
their default values. All register bits marked “—” must be written 0 and ignored when read. The TEST registers
must be left at their reset value of 00h for normal operation.
On the DS3153, only registers for LIUs 1, 2, and 3 are available. Writes into LIU 4 address space are ignored.
Reads from LIU 4 address space return all zeros. On the DS3152, address line A5 is not present, limiting the
address space to the LIU 1 and 2 registers. On the DS3151, address lines A5 and A4 are not present, limiting the
address space to the LIU 1 registers.
Table 5-A. Register Map
ADDRESS
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LIU 1
00h
GCR1
E3M
STS
LLB
RLB
TDSA
TDSB
—
RST
01h
TCR1
—
TBIN
TCINV
TJA
TPD
TTS
TLBO
—
02h
RCR1
ITU
RBIN
RCINV
RJA
RPD
RTS
RMON
RCVUD
03h
SR1
—
—
TDM
PRBS
—
—
RLOL
RLOS
04h
SRL1
—
—
TDML
PRBSL
PBERL
RCVL
RLOLL
RLOSL
05h
SRIE1
—
—
TDMIE
PRBSIE
PBERIE
RCVIE
RLOLIE
RLOSIE
06h
RCVL1
RCV[7]
RCV[6]
RCV[5]
RCV[4]
RCV[3]
RCV[2]
RCV[1]
RCV[0]
07h
RCVH1
RCV[15]
RCV[14]
RCV[13]
RCV[12]
RCV[11]
RCV[10]
RCV[9]
RCV[8]
08h–0Fh
TEST
—
—
—
—
—
—
—
—
LIU 2
10h
GCR2
E3M
STS
LLB
RLB
TDSA
TDSB
--
RST
11h
TCR2
—
TBIN
TCINV
TJA
TPD
TTS
TLBO
--
12h
RCR2
ITU
RBIN
RCINV
RJA
RPD
RTS
RMON
RCVUD
13h
SR2
—
—
TDM
PRBS
—
—
RLOL
RLOS
14h
SRL2
—
—
TDML
PRBSL
PBERL
RCVL
RLOLL
RLOSL
15h
SRIE2
—
—
TDMIE
PRBSIE
PBERIE
RCVIE
RLOLIE
RLOSIE
16h
RCVL2
RCV[7]
RCV[6]
RCV[5]
RCV[4]
RCV[3]
RCV[2]
RCV[1]
RCV[0]
17h
RCVH2
RCV[15]
RCV[14]
RCV[13]
RCV[12]
RCV[11]
RCV[10]
RCV[9]
RCV[8]
18h–1Fh
TEST
—
—
—
—
—
—
—
—
LIU 3
20h
GCR3
E3M
STS
LLB
RLB
TDSA
TDSB
—
RST
21h
TCR3
—
TBIN
TCINV
TJA
TPD
TTS
TLBO
—
22h
RCR3
ITU
RBIN
RCINV
RJA
RPD
RTS
RMON
RCVUD
23h
SR3
—
—
TDM
PRBS
—
—
RLOL
RLOS
24h
SRL3
—
—
TDML
PRBSL
PBERL
RCVL
RLOLL
RLOSL
25h
SRIE3
—
—
TDMIE
PRBSIE
PBERIE
RCVIE
RLOLIE
RLOSIE
26h
RCVL3
RCV[7]
RCV[6]
RCV[5]
RCV[4]
RCV[3]
RCV[2]
RCV[1]
RCV[0]
27h
RCVH3
RCV[15]
RCV[14]
RCV[13]
RCV[12]
RCV[11]
RCV[10]
RCV[9]
RCV[8]
28h–2Fh
TEST
—
—
—
—
—
—
—
—
LIU 4
30h
GCR4
E3M
STS
LLB
RLB
TDSA
TDSB
—
RST
31h
TCR4
—
TBIN
TCINV
TJA
TPD
TTS
TLBO
—
32h
RCR4
ITU
RBIN
RCINV
RJA
RPD
RTS
RMON
RCVUD
33h
SR4
—
—
TDM
PRBS
—
—
RLOL
RLOS
34h
SRL4
—
—
TDML
PRBSL
PBERL
RCVL
RLOLL
RLOSL
35h
SRIE4
—
—
TDMIE
PRBSIE
PBERIE
RCVIE
RLOLIE
RLOSIE
36h
RCVL4
RCV[7]
RCV[6]
RCV[5]
RCV[4]
RCV[3]
RCV[2]
RCV[1]
RCV[0]
37h
RCVH4
RCV[15]
RCV[14]
RCV[13]
RCV[12]
RCV[11]
RCV[10]
RCV[9]
RCV[8]
38h–3Fh
TEST
—
—
—
—
—
—
—
—
Note 1: Underlined bits are read-only; all other bits are read-write.
Note 2: The registers are named REGn, where n = the LIU number (1, 2, 3, or 4).
Note 3: The bit names are the same for each LIU register set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com