Electronic Components Datasheet Search
  English  ▼

X  

PE91399 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91399
Description  2 Hole Flange Mount Slide-On BMA Jack to SMA Female Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91399 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91399 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91399 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91399 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91399 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Weight
0.018 lbs [8.16 g]
.
Description
Connector 1
Connector 2
Type
BMA Jack
SMA Female
Polarity
Standard
Standard
Mating Cycles
1,000
1,000
Contact Retention Force, Min
6.07 lbs [2.75 Kg]
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
Slide-On BMA Jack
SMA Female
Contact
Beryllium Copper
Gold
Beryllium Copper
Gold
51.18µ in. minimum
51.18µ in. minimum
Insulation
PTFE
PTFE
Outer Conductor
Beryllium Copper
Gold
Passivated Stainless Steel
Body
Passivated Stainless Steel
Passivated Stainless Steel
. .
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE91399 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Hole Flange Mount Slide-On BMA Jack to SMA Female Adapter PE91399
2 Hole Flange Mount Slide-On BMA Jack to SMA Female Adapter
RF Adapters Technical Data Sheet
PE91399



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com