Electronic Components Datasheet Search
  English  ▼

X  

PE91399 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91399
Description  2 Hole Flange Mount Slide-On BMA Jack to SMA Female Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91399 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91399 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91399 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91399 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91399 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Slide-On BMA Jack Connector 1
• SMA Female Connector 2
• 50 Ohm
• Straight Body Geometry
• 2 Hole Flange Mount Method
Features
• Max VSWR of 1.25:1 up to 18 GHz
• 51.18µ in. minimum contact plating
• Gold Plated Beryllium Copper Contact
• Low-Engagement Force
Applications
• Allows Connection Between Series
• General Purpose Test
• Rack Mounted Equipment
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE91399 2 hole flange slide-on BMA jack to SMA female adapter is part of our full line of RF components
available for same-day shipping. Our BMA to SMA adapter has a jack to female gender configuration built of durable stainless
steel. PE91399 BMA jack to SMA female adapter operates to 18 GHz. The Pasternack RF adapter provides excellent VSWR
of 1.25:1 maximum. This RF BMA 2 hole flange to SMA adapter allows designers to create external connections on their
product enclosures, and can be used in a variety of other rack mount and panel mount applications.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
Insertion Loss
0.13
dB
Operating Voltage (AC)
350
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
. .
Mechanical Specifications
Size
Length
0.87 in [22.1 mm]
Width
0.75 in [19.05 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Hole Flange Mount Slide-On BMA Jack to SMA Female Adapter PE91399
PE91399 REV 1.0
2 Hole Flange Mount Slide-On BMA Jack to SMA Female Adapter
PE91399
RF Adapters Technical Data Sheet


Similar Part No. - PE91399

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9139 PASTERNACK-PE9139 Datasheet
252Kb / 3P
SMC Plug to BNC Male Adapter
PE91390 PASTERNACK-PE91390 Datasheet
357Kb / 4P
Low PIM 7/16 DIN Male to 4.3-10 Female Adapter
PE91391 PASTERNACK-PE91391 Datasheet
356Kb / 4P
Low PIM 7/16 DIN Female to 4.3-10 Male Adapter
PE91392 PASTERNACK-PE91392 Datasheet
357Kb / 3P
TNC Female to 7/16 DIN Female Adapter
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
Slide-On BMA Jack to BMA Jack Slide-On Adapter
More results

Similar Description - PE91399

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91290 PASTERNACK-PE91290 Datasheet
341Kb / 3P
SMA Female to SMA Female 2 Hole Flange Adapter
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
Slide-On BMA Jack to BMA Jack Slide-On Adapter
PE91396 PASTERNACK-PE91396 Datasheet
360Kb / 4P
Slide-On BMA Plug to SMA Male Adapter
PE91397 PASTERNACK-PE91397 Datasheet
360Kb / 4P
Slide-On BMA Jack to SMA Male Adapter
PE91398 PASTERNACK-PE91398 Datasheet
361Kb / 4P
Slide-On BMA Plug to SMA Female Adapter
PE91400 PASTERNACK-PE91400 Datasheet
360Kb / 4P
Slide-On BMA Jack to SMA Female Adapter
PE91401 PASTERNACK-PE91401 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Male Adapter
PE91402 PASTERNACK-PE91402 Datasheet
358Kb / 4P
Bulkhead Mount Slide-On BMA Plug to SMA Female Adapter
logo
Amphenol SV Microwave
1129-6280 SVMICROWAVE-1129-6280 Datasheet
515Kb / 1P
SMA FEMALE TO SMA FEMALE 2 HOLE FLANGE ADAPTER
05/21
logo
Huber+Suhner, Inc.
37_BMA-SMA-50-11--_U HUBERSUHNER-37_BMA-SMA-50-11--_U Datasheet
1Mb / 2P
COAXIAL ADAPTER, BMA - SMA, 50 Ohm, Panel, jack / jack (female / female), flange mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com