Electronic Components Datasheet Search
  English  ▼

X  

GFCS8PM2.24 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # GFCS8PM2.24
Description  OSLON SSL 80
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GFCS8PM2.24 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button GFCS8PM2.24 Datasheet HTML 4Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 5Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 6Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 7Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 8Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 9Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 10Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 11Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Version 2.3
GF CS8PM2.24
IF = f (VF); TJ = 25 °C
ΦE/ΦE(350 mA) = f(IF); TJ = 25 °C
GF CS8PM2.24
1,65
2,22
1,8
1,9
2,0
2,1
VF
[V]
100
200
400
600
800
1000
IF
[mA]
GF CS8PM2.24
10
0
20
0
40
0
60
0
80
0
10
00
IF
[mA]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
ΦE
ΦE
(350mA)
2018-03-13
8
Forward Current 4) page 21 , 6) page 21
Durchlassstrom 4) Seite 21 , 6) Seite 21
Relative Radiant Power 4) page 21 , 6) page 21
Relative Strahlungsleistung 4) Seite 21 , 6) Seite 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com