Electronic Components Datasheet Search
  English  ▼

X  

GFCS8PM2.24 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GFCS8PM2.24
Description  OSLON SSL 80
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GFCS8PM2.24 Datasheet(HTML) 1 Page - OSRAM GmbH

  GFCS8PM2.24 Datasheet HTML 1Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 2Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 3Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 4Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 5Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 6Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 7Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 8Page - OSRAM GmbH GFCS8PM2.24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2018-03-13
1
2018-03-13
Datasheet
Version 2.3
GF CS8PM2.24
New, higher performing OSLON SSL family LED with
well known superior robustness, high reliability, long
lifetime, low thermal resistance. Perfectly addressing
applications demanding for high efficiency and long
lifetime requirement.
Neue leistungsstärkere LED aus der OSLON SSL
Familie mit altbekannter hoher Robustheit und
Zuverlässigkeit, mit langer Lebensdauer und geringem
thermischem Widerstand. Speziell entwickelt für
Applikationen, bei denen hohe Effizient und lange
Lebensdauer gefragt ist.
Features:
Besondere Merkmale:
•
Package: SMT ceramic package with silicone resin
and silicone lens
•
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
•
Viewing angle at 50 % I
V: 80°
•
Abstrahlwinkel bei 50 % I
V: 80°
•
Color: 730 nm (far-red)
•
Farbe: 730 nm (far-red)
•
Radiant Flux: typ. 295 mW
•
Strahlungsfluss: typ. 295 mW
•
Radiant Efficiency: typ. 43 %
•
Lichtausbeute: typ. 43 %
•
Corrosion Robustness: Superior Corrosion
Robustness
•
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
•
Lumen Maintenance: Test results according to
IESNA LM-80 available
•
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
•
Horticultural Lighting
•
Gewächshausbeleuchtung
OSLON
® SSL 80


Similar Part No. - GFCS8PM2.24

ManufacturerPart #DatasheetDescription
logo
ams AG
GFCSBPM2.24 AMSCO-GFCSBPM2.24 Datasheet
1Mb / 22P
new member of the family, OSLON® Square Far Red has a unique innovative radiation pattern to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.
Version 1.1 2023-03-20
logo
OSRAM GmbH
GFCSBPM2.24 OSRAM-GFCSBPM2.24 Datasheet
1Mb / 22P
A new member of the family, OSLON® Square Far Red has a unique innovative radiation pattern to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.
Version 1.2 2023-08-02
logo
ams AG
GFCSBPM2.24-TNUJ-1-1 AMSCO-GFCSBPM2.24-TNUJ-1-1 Datasheet
1Mb / 22P
new member of the family, OSLON® Square Far Red has a unique innovative radiation pattern to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.
Version 1.1 2023-03-20
logo
OSRAM GmbH
GFCSBPM2.24-TNUJ-1-1 OSRAM-GFCSBPM2.24-TNUJ-1-1 Datasheet
1Mb / 22P
A new member of the family, OSLON® Square Far Red has a unique innovative radiation pattern to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.
Version 1.2 2023-08-02
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
OSLON SSL 150
More results

Similar Description - GFCS8PM2.24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GACS8PM1.23 OSRAM-GACS8PM1.23 Datasheet
1Mb / 22P
OSLON SSL 80
GHCSHPM1.24 OSRAM-GHCSHPM1.24 Datasheet
1Mb / 22P
OSLON SSL 150
LUWCR7P OSRAM-LUWCR7P_17 Datasheet
3Mb / 24P
OSLON SSL 80
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
OSLON SSL 80
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
OSLON SSL 150
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
OSLON SSL 150
GDCSHPM1.14 OSRAM-GDCSHPM1.14 Datasheet
1Mb / 22P
OSLON SSL 150
GACSHPM1.23 OSRAM-GACSHPM1.23 Datasheet
1Mb / 22P
OSLON SSL 150
GACSSPM1.23 OSRAM-GACSSPM1.23 Datasheet
1Mb / 22P
OSLON SSL 120
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com