Electronic Components Datasheet Search
  English  ▼

X  

GDDASPA2.14 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GDDASPA2.14
Description  OSCONIQ P 2226
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDDASPA2.14 Datasheet(HTML) 1 Page - OSRAM GmbH

  GDDASPA2.14 Datasheet HTML 1Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 2Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 3Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 4Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 5Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 6Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 7Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 8Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2017-12-12
1
2017-12-12
OSCONIQ P 2226
Datasheet
Version 1.1
GD DASPA2.14
High-efficacy mid-power LED with long lifetimes also
at high currents and high junction temperatures.
Hocheffiziente LED mittlerer Leistungsklasse mit
langer Lebensdauer auch bei hohen Strömen und
hohen Sperrschichttemperaturen.
Features:
Besondere Merkmale:
•
Package: SMT package
•
Gehäusetyp: SMT Gehäuse
•
Viewing angle at 50 % I
V: 110°
•
Abstrahlwinkel bei 50 % I
V: 110°
•
Color: 450 nm (deep blue)
•
Farbe: 450 nm (deep blue)
•
Radiant Flux: typ. 166 mW
•
Strahlungsfluss: typ. 166 mW
•
Radiant Efficiency: typ. 57 %
•
Lichtausbeute: typ. 57 %
Applications
Anwendungen
•
Architectural lighting
•
Architekturbeleuchtung
•
Accent and effect lighting
•
Akzent- und Effektbeleuchtung
•
Room lighting: ceiling light, cove lighting,
chandeliers, pendants, sconces
•
Raumbeleuchtung: Deckenbeleuchtung,
Nischenbeleuchtung, Kronleuchter,
Hängeleuchten, Wandleuchter
•
Channel letters
•
Leuchtlettern
•
Linear lights
•
Linearbeleuchtung
•
Remote-phosphor fixtures
•
Remote-Phosphor Lichtquellen


Similar Part No. - GDDASPA2.14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GDDASPA1.14 OSRAM-GDDASPA1.14 Datasheet
671Kb / 22P
Architectural lighting
More results

Similar Description - GDDASPA2.14

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6469 NJSEMI-2N6469 Datasheet
93Kb / 1P
SILICON P-N-P
logo
OSRAM GmbH
GWPUSRA1.PM OSRAM-GWPUSRA1.PM Datasheet
2Mb / 24P
OSCONIQ P 3737
GTDASPA2.13 OSRAM-GTDASPA2.13 Datasheet
1Mb / 21P
OSCONIQ P 2226
GHDASPA2.24 OSRAM-GHDASPA2.24 Datasheet
1Mb / 20P
OSCONIQ P 2226
GFDASPA2.24 OSRAM-GFDASPA2.24 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
logo
PHOENIX CONTACT
3100020 PHOENIX-3100020 Datasheet
121Kb / 6P
MTKD-P/P
3104013 PHOENIX-3104013 Datasheet
127Kb / 6P
MTK-P/P
logo
OSRAM GmbH
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com