Electronic Components Datasheet Search
  English  ▼

X  

GDDASPA2.14 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GDDASPA2.14
Description  OSCONIQ P 2226
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDDASPA2.14 Datasheet(HTML) 5 Page - OSRAM GmbH

  GDDASPA2.14 Datasheet HTML 1Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 2Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 3Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 4Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 5Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 6Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 7Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 8Page - OSRAM GmbH GDDASPA2.14 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.1
GD DASPA2.14
2017-12-12
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
Durchlassspannungsgruppen
Dominant Wavelength Groups
Dominant Wellenlängengruppen
Group
Radiant Power
Radiant Power
Gruppe
Strahlungsleistung
Strahlungsleistung
(min.) Φ
E [mW]
(max.) Φ
E [mW]
RO
164
180
SJ
180
194
SK
194
210
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
L
2.80
3.00
M
3.00
3.20
Group
deep blue
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
2
444
449
3
449
453
4
453
457
5
457
461
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.
4) page 20
4) Seite 20
6) page 20
6) Seite 20
1) page 20
1) Seite 20
1) page 20
1) Seite 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com