Electronic Components Datasheet Search
  English  ▼

X  

PE-B150 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-B150
Description  75 Ohm Flexible PE-B150 Coax Cable Single Shielded with Black PVC Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-B150 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-B150 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-B150 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-B150 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
.
Dielectric
PE
0.1 in [2.54 mm]
.
First Shield
Tinned Copper Braid
.
Jacket
PVC, Black
0.15 in [3.81 mm]
.
Environmental Specifications
Temperature
Operating Range
-40 to 80 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
75 Ohm Flexible PE-B150 Coax Cable Single Shielded with Black PVC Jacket from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Flexible PE-B150 Coax Cable Single Shielded with Black PVC Jacket PE-B150
URL: http://www.pasternack.com/flexible-0.150-mini-75-ohm-coax-cable-pvc-jacket-pe-b150-p.aspx
PE-B150 REV
RF Cables Technical Data Sheet
PE-B150
75 Ohm Flexible PE-B150 Coax Cable Single
Shielded with Black PVC Jacket



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com