Electronic Components Datasheet Search
  English  ▼

X  

PE-B150 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-B150
Description  75 Ohm Flexible PE-B150 Coax Cable Single Shielded with Black PVC Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-B150 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-B150 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-B150 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-B150 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
Flexible Cable
1 Number of Shields
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
5
GHz
Impedance
75
Ohms
Operating Voltage (AC)
600
Vrms
Nominal Capacitance
20.5 [67.26]
pF/ft [pF/m]
. .
Performance by Frequency Band
Description
F1
F2
F3
F4
F5
Units
Frequency
10
100
400
700
1,000
MHz
Attenuation, Typ
2.4
5.7
12.1
16.5
20
dB/100ft
7.87
18.7
39.7
54.13
65.62
dB/100m
.
Input Power (CW), Max
195
83
40
30
25
Watts
.
Description
F6
F7
F8
F9
F10
Units
Frequency
5
GHz
Attenuation, Typ
50
dB/100ft
164.04
dB/100m
.
.
Mechanical Specifications
Diameter
0.15 in [3.81 mm]
Weight
0.019 lbs/ft [0.03 Kg/m]
.
Construction Specifications
Description
Material and Plating
Diameter
Inner Conductor
Copper Clad Steel, 7 Strands
0.017in [0.43 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Flexible PE-B150 Coax Cable Single Shielded with Black PVC Jacket PE-B150
PE-B150 REV
75 Ohm Flexible PE-B150 Coax Cable Single
Shielded with Black PVC Jacket
RF Cables Technical Data Sheet
PE-B150


Similar Part No. - PE-B150

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-B159-BK PASTERNACK-PE-B159-BK Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-BL PASTERNACK-PE-B159-BL Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-GR PASTERNACK-PE-B159-GR Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-RD PASTERNACK-PE-B159-RD Datasheet
104Kb / 1P
MIN-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-WH PASTERNACK-PE-B159-WH Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
More results

Similar Description - PE-B150

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG6A-U PASTERNACK-RG6A-U Datasheet
279Kb / 3P
75 Ohm Flexible RG6 Coax Cable Double Shielded with Black PVC (NC) Jacket
RG6-CATV PASTERNACK-RG6-CATV Datasheet
1Mb / 3P
75 Ohm Flexible RG6-CATV Coax Cable Triple Shielded with Black PVC(NC) Jacket
RG11A-U PASTERNACK-RG11A-U Datasheet
468Kb / 3P
75 Ohm Flexible RG11 Coax Cable Single Shielded with Black PVC Jacket
RG59B-U PASTERNACK-RG59B-U Datasheet
467Kb / 3P
75 Ohm Flexible RG59 Coax Cable Single Shielded with Black PVC(NC) Jacket
RG179B-U PASTERNACK-RG179B-U Datasheet
273Kb / 3P
75 Ohm Flexible RG179 Coax Cable Single Shielded with Tan FEP Jacket
RG302-U PASTERNACK-RG302-U Datasheet
1Mb / 3P
75 Ohm Flexible RG302 Coax Cable Single Shielded with Tan FEP Jacket
RG59-P PASTERNACK-RG59-P Datasheet
1Mb / 3P
75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
RG174A-U PASTERNACK-RG174A-U Datasheet
636Kb / 3P
Flexible RG174 Coax Cable Single Shielded with Black PVC Jacket
RG213-U PASTERNACK-RG213-U Datasheet
363Kb / 3P
Flexible RG213 Coax Cable Single Shielded with Black PVC Jacket
RG218-U PASTERNACK-RG218-U Datasheet
279Kb / 3P
Flexible RG218 Coax Cable Single Shielded with Black PVC Jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com