Electronic Components Datasheet Search
  English  ▼

X  

DS101 Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # DS101
Description  High flux for outdoor applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS101 Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button DS101 Datasheet HTML 6Page - Lumileds Lighting Company DS101 Datasheet HTML 7Page - Lumileds Lighting Company DS101 Datasheet HTML 8Page - Lumileds Lighting Company DS101 Datasheet HTML 9Page - Lumileds Lighting Company DS101 Datasheet HTML 10Page - Lumileds Lighting Company DS101 Datasheet HTML 11Page - Lumileds Lighting Company DS101 Datasheet HTML 12Page - Lumileds Lighting Company DS101 Datasheet HTML 13Page - Lumileds Lighting Company DS101 Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
DS101 LUXEON R Product Datasheet 20140709 ©2015 Lumileds Holding B.V. All rights reserved.
9
Typical Forward Current Characteristics
All LUXEON R Emitters, Junction Temperature = 85°C
Typical Relative Luminous Flux vs. Forward Current for All LUXEON R Emitters,
Junction Temperature = 85°C
1200
1000
800
600
400
0
200
0
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
Forward VoltageV
Figure 5. Forward current vs. forward voltage.
0.6
0.8
1
1.2
1.4
1.6
0
0.2
0.4
0
200
400
600
800
1000
1200
Forward Current [mA]
Figure 6. Typical relative luminous flux vs. forward current, junction temperature = 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com