Electronic Components Datasheet Search
  English  ▼

X  

DS101 Datasheet(PDF) 13 Page - Lumileds Lighting Company

Part # DS101
Description  High flux for outdoor applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS101 Datasheet(HTML) 13 Page - Lumileds Lighting Company

Back Button DS101 Datasheet HTML 9Page - Lumileds Lighting Company DS101 Datasheet HTML 10Page - Lumileds Lighting Company DS101 Datasheet HTML 11Page - Lumileds Lighting Company DS101 Datasheet HTML 12Page - Lumileds Lighting Company DS101 Datasheet HTML 13Page - Lumileds Lighting Company DS101 Datasheet HTML 14Page - Lumileds Lighting Company DS101 Datasheet HTML 15Page - Lumileds Lighting Company DS101 Datasheet HTML 16Page - Lumileds Lighting Company DS101 Datasheet HTML 17Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DS101 LUXEON R Product Datasheet 20140709 ©2015 Lumileds Holding B.V. All rights reserved.
12
Typical Radiation Patterns
Typical Luminous Intensity Distribution Pattern for LUXEON R Emitters
80%
90%
100%
50%
60%
70%
80%
90%
100%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-90
-75
-60
-45
-30
-15
0
15
30
45
60
75
90
Angular Displacement (degrees)
Figure 10. Cartesian plot of typical luminous intensity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com