Electronic Components Datasheet Search
  English  ▼

X  

DS112 Datasheet(PDF) 13 Page - Lumileds Lighting Company

Part # DS112
Description  Industry-leading solutions for light guide DRL, and signature lamps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS112 Datasheet(HTML) 13 Page - Lumileds Lighting Company

Back Button DS112 Datasheet HTML 9Page - Lumileds Lighting Company DS112 Datasheet HTML 10Page - Lumileds Lighting Company DS112 Datasheet HTML 11Page - Lumileds Lighting Company DS112 Datasheet HTML 12Page - Lumileds Lighting Company DS112 Datasheet HTML 13Page - Lumileds Lighting Company DS112 Datasheet HTML 14Page - Lumileds Lighting Company DS112 Datasheet HTML 15Page - Lumileds Lighting Company DS112 Datasheet HTML 16Page - Lumileds Lighting Company DS112 Datasheet HTML 17Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DS112 LUXEON F Cool White Product Datasheet 20170506 ©2017 Lumileds Holding B.V. All rights reserved.
12
Color Codes
Notes for Figure 9:
1. Lumileds supports the following bins for LUXEON F Cool White: H3 and HC.
2. LUXEON F historical large color notations. Color bins must be ordered by fine bin designators, shown below.
H1 = 1A, 1B, 1C, 1D
H2 = 2A, 2B, 2C, 2D
H3 = 3A, 3B, 3C, 3D
H4 = 4A, 4B, 4C, 4D
HC = 1D, 2C, 3B, 4A
Figure 9 . Color bin structure in CIE 1931 color space for LUXEON F Cool White .
0.3
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.30.310.320.330.340.350.36
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com