Electronic Components Datasheet Search
  English  ▼

X  

DS112 Datasheet(PDF) 14 Page - Lumileds Lighting Company

Part # DS112
Description  Industry-leading solutions for light guide DRL, and signature lamps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS112 Datasheet(HTML) 14 Page - Lumileds Lighting Company

Back Button DS112 Datasheet HTML 9Page - Lumileds Lighting Company DS112 Datasheet HTML 10Page - Lumileds Lighting Company DS112 Datasheet HTML 11Page - Lumileds Lighting Company DS112 Datasheet HTML 12Page - Lumileds Lighting Company DS112 Datasheet HTML 13Page - Lumileds Lighting Company DS112 Datasheet HTML 14Page - Lumileds Lighting Company DS112 Datasheet HTML 15Page - Lumileds Lighting Company DS112 Datasheet HTML 16Page - Lumileds Lighting Company DS112 Datasheet HTML 17Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
DS112 LUXEON F Cool White Product Datasheet 20170506 ©2017 Lumileds Holding B.V. All rights reserved.
13
Color Bin Definitions
Table 7. Color bin definitions for LUXEON F Cool White.
BIn
x
y
6-dIgIT
IEc cOdE
TyPIcAl
ccT
BIn
x
y
6-dIgIT
IEc cOdE
TyPIcAl
ccT
2B
0.3120
0.3139
ebvG33
6460K
1B
0.3120
0.3306
fbwA23
6390K
0.3185
0.3203
0.3169
0.3353
0.3192
0.3131
0.3177
0.3277
0.3131
0.3070
0.3131
0.3232
2D
0.3185
0.3203
ebyG33
6050K
1D
0.3169
0.3353
fbyA33
6050K
0.3253
0.3266
0.3246
0.3424
0.3256
0.3191
0.3249
0.3344
0.3192
0.3131
0.3177
0.3277
4B
0.3253
0.3266
ecbG33
5680K
3B
0.3246
0.3424
fcbA33
5680K
0.3323
0.3329
0.3325
0.3493
0.3323
0.3251
0.3324
0.3410
0.3256
0.3191
0.3249
0.3344
4D
0.3323
0.3329
eceG33
5350K
3D
0.3325
0.3493
fceA33
5350K
0.3396
0.3392
0.3406
0.3562
0.3392
0.3310
0.3401
0.3476
0.3323
0.3251
0.3324
0.3410
2A
0.3109
0.3211
ebvD33
6460K
1A
0.3109
0.3382
fbwD23
6390K
0.3177
0.3277
0.3161
0.3432
0.3185
0.3203
0.3169
0.3353
0.3120
0.3139
0.3120
0.3306
2C
0.3177
0.3277
ebyD33
6050K
1C
0.3161
0.3432
fbyD33
6050K
0.3249
0.3344
0.3242
0.3506
0.3253
0.3266
0.3246
0.3424
0.3185
0.3203
0.3169
0.3353
4A
0.3249
0.3344
ecbD33
5680K
3A
0.3242
0.3506
fcbD33
5680K
0.3324
0.3410
0.3325
0.3579
0.3323
0.3329
0.3325
0.3493
0.3253
0.3266
0.3246
0.3424
4C
0.3324
0.3410
eceD33
5350K
3C
0.3325
0.3579
fceD33
5350K
0.3401
0.3476
0.3412
0.3652
0.3396
0.3392
0.3406
0.3562
0.3323
0.3329
0.3325
0.3493
Notes for Table 7:
1. Lumileds maintains a tester tolerance of ± 0.005 on x and y color coordinates.
2. CIE 1931 x and y coordinate frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com