Electronic Components Datasheet Search
  English  ▼

X  

HMC262 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC262
Description  GaAs MMIC LOW NOISE AMPLIFIER 15 - 24 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC262 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC262 Datasheet HTML 1Page - Hittite Microwave Corporation HMC262 Datasheet HTML 2Page - Hittite Microwave Corporation HMC262 Datasheet HTML 3Page - Hittite Microwave Corporation HMC262 Datasheet HTML 4Page - Hittite Microwave Corporation HMC262 Datasheet HTML 5Page - Hittite Microwave Corporation HMC262 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 - 16
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
1
Features
EXCELLENT NOISE FIGURE :
2 dB
STABLE GAIN VS TEMPERATURE: 25 dB ±1.5 dB
SINGLE SUPPLY : +3V@ 36mA
SMALL SIZE: 1.32 mm x 2.08 mm
The HMC262 chip is a GaAs MMIC Low Noise
Amplifier (LNA) which covers the frequency
range of 15 to 24 GHz. The chip can easily be
integrated into Multi-Chip Modules (MCMs) due
to its small (2.75 mm
2
) size. The chip utilizes a
GaAs PHEMT process offering 25 dB gain from
a single bias supply of + 3V @ 36 mA with a
noise figure of 2 dB. This LNA can be used in
microwave & millimeter wave point-to-point ra-
dios, VSAT, and other SATCOM applications.
All data is with the chip in a 50 ohm test fixture
connected via 0.025 mm (1 mil) diameter wire
bonds of minimal length 0.31 mm (<12 mils). The
HMC262
may be used in conjunction with
HMC203, HMC258, HMC264, or HMC265 mix-
ers to realize a microwave or millimeterwave
system receiver.
General Description
Guaranteed Performance, Vdd = +3V, -55 to +85 deg C
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
.
n
i
M
.
p
y
T
.
x
a
M
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
e
g
n
a
R
y
c
n
e
u
q
e
r
F7
1
-
5
10
2
-
7
14
2
-
0
2z
H
G
n
i
a
G9
14
29
15
25
10
2B
d
e
r
u
g
i
F
e
s
i
o
N8
.
20
.
50
.
27
.
32
.
29
.
3B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I5
4
0
16
2
1B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O7
6
15
2
16
B
d
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
R9
35
47
32
45
30
4B
d
)
B
d
1
P
(
n
o
i
s
s
e
r
p
m
o
C
B
d
1
r
o
f
r
e
w
o
P
t
u
p
t
u
O1
-3
1
5
.
40
4
m
B
d
)
t
a
s
P
(
r
e
w
o
P
t
u
p
t
u
O
d
e
t
a
r
u
t
a
S3
8
4
8
2
6
m
B
d
)
3
P
I
(
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
O8
3
19
3
16
0
1m
B
d
)
d
d
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S5
7
.
20
.
35
2
.
35
7
.
20
.
35
2
.
35
7
.
20
.
35
2
.
3c
d
V
)
V
3
+
=
d
d
V
(
)
d
d
I
(
t
n
e
r
r
u
C
y
l
p
p
u
S6
38
46
38
46
38
4A
m
GaAs MMIC LOW NOISE AMPLIFIER 15 - 24 GHz
HMC262
V
01.05.00


Similar Part No. - HMC262

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC262 HITTITE-HMC262 Datasheet
158Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 15 - 24 GHz
HMC262 HITTITE-HMC262_00 Datasheet
158Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 15 - 24 GHz
HMC262 HITTITE-HMC262_02 Datasheet
399Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 15 - 24 GHz
More results

Similar Description - HMC262

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
24-30 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263 HITTITE-HMC263_07 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC341 HITTITE-HMC341_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC262 HITTITE-HMC262_00 Datasheet
158Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 15 - 24 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC341 HITTITE-HMC341_10 Datasheet
229Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
HMC262 HITTITE-HMC262_02 Datasheet
399Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 15 - 24 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com