Electronic Components Datasheet Search
  English  ▼

X  

HMC262 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC262
Description  GaAs MMIC LOW NOISE AMPLIFIER 15 - 24 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC262 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC262 Datasheet HTML 1Page - Hittite Microwave Corporation HMC262 Datasheet HTML 2Page - Hittite Microwave Corporation HMC262 Datasheet HTML 3Page - Hittite Microwave Corporation HMC262 Datasheet HTML 4Page - Hittite Microwave Corporation HMC262 Datasheet HTML 5Page - Hittite Microwave Corporation HMC262 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1 - 17
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
1
HMC262 LOW NOISE AMPLIFIER 15 - 24 GHz
0
5
10
15
20
25
30
-30
-25
-20
-15
-10
-5
0
14
16
18
20
22
24
FREQUENCY (GHz)
GAIN
S22(Output)
S11(Input)
Broadband Gain and Return Loss
Input Return Loss
Gain vs. Temperature
-35
-30
-25
-20
-15
-10
-5
0
14
16
18
20
22
24
FREQUENCY (GHz)
-55 C
+25 C
+85 C
-35
-30
-25
-20
-15
-10
-5
0
14
16
18
20
22
24
FREQUENCY (GHz)
-55 C
+25 C
+85 C
Output Return Loss
0
1
2
3
4
5
14
16
18
20
22
24
FREQUENCY (GHz)
+85 C
-55 C
+25 C
Noise Figure
10
15
20
25
30
14
16
18
20
22
24
FREQUENCY (GHz)
+85 C
-55 C
+25 C
All data is with the chip in a 50 ohm test fixture connected via 0.025 mm (1 mil) diameter wire bonds of minimal
length 0.31 mm (<12 mils).
HMC262
V
01.05.00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com