Electronic Components Datasheet Search
  English  ▼

X  

IR21593 Datasheet(PDF) 21 Page - International Rectifier

Part # IR21593
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21593 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR21593 Datasheet HTML 17Page - International Rectifier IR21593 Datasheet HTML 18Page - International Rectifier IR21593 Datasheet HTML 19Page - International Rectifier IR21593 Datasheet HTML 20Page - International Rectifier IR21593 Datasheet HTML 21Page - International Rectifier IR21593 Datasheet HTML 22Page - International Rectifier IR21593 Datasheet HTML 23Page - International Rectifier IR21593 Datasheet HTML 24Page - International Rectifier IR21593 Datasheet HTML 25Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
IR21592/IR21593(S)
www.irf.com
21
ϑ
BLANK
V
CS
t
LO
Switching
Noise
Dimming
Range
Fault Mode (FAULT)
During dimming, the peak current regulation circuit
active during preheat and ignition is disabled.
Should non-zero voltage switching at the output
of the half-bridge occur (Figure 17), high current
spikes will result. A lamp filament failure, lamp
end-of-life, lamp removal, or a deadtime shorter
than what is required for commutation, can all
cause hard-switching.
t
t
VS
HO
LO
V
CS
1.6V
NORMAL
OPERATION
HARD
SWITCHING
FAULT
LOAD
REMOVAL
Figure 17, hard-switching with latch off
Figure 16, Current sense timing diagram.
Should the peak voltage on pin CS exceed 1.6V
at any time during dimming, the IR21592/IR21593
enters FAULT mode and the high and low-side
driver outputs, HO and LO, are both turned off.
Cycling the supply voltage on VCC below UVLO-
or the voltage on pin SD above and below SD+
and SD- will reset the IR21592/IR21593 to preheat
(PH) mode (see STATE DIAGRAM).
Ballast Design
Lamp Requirements
Before selecting component values for the ballast
output stage and the programmable inputs of
the IR21592/IR21593, the following lamp
requirements must first be defined:
Variable
Description
Units
ph
I
Filament pre-heat current
Arms
ph
t
Filament pre-heat time
s
max
ph
V
Maximum lamp pre-heat voltage
Vpp
ign
V
Lamp ignition voltage
Vpp
%
100
P
Lamp power at 100% brightness
W
%
100
V
Lamp voltage at 100% brightness
Vpp
%
1
P
Lamp power at 1% brightness
W
%
1
V
Lamp voltage at 1% brightness
Vpp
min
Cath
I
Minimum cathode heating current
Arms
Table I, Typical lamp requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com