Electronic Components Datasheet Search
  English  ▼

X  

IR21593 Datasheet(PDF) 9 Page - International Rectifier

Part # IR21593
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21593 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR21593 Datasheet HTML 5Page - International Rectifier IR21593 Datasheet HTML 6Page - International Rectifier IR21593 Datasheet HTML 7Page - International Rectifier IR21593 Datasheet HTML 8Page - International Rectifier IR21593 Datasheet HTML 9Page - International Rectifier IR21593 Datasheet HTML 10Page - International Rectifier IR21593 Datasheet HTML 11Page - International Rectifier IR21593 Datasheet HTML 12Page - International Rectifier IR21593 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
IR21592/IR21593(S)
www.irf.com
9
External Components Selection Procedure
(Note:
Please refer to
"Typical Connection"
diagram, page 1)
Calculate R
CS
PK
IGN
CS
I
R
6
.
1
=
R
CS sets the maximum ignition current
which corresponds to the maximum
ignition voltage across the lamp.
R
CS
I
IGN
V
IGN
Select R
FMIN
Use Graph 5 or Graph 6
The minimum operating frequency must
be lower than f
100% of fIGN (whichever is
lower). R
FMIN also programs IMIN and
I
IPH, so RFMIN must be set first.
R
FMIN
f
MIN
BEGIN
Calculate R
PULL-UP
QCCUV
ON
TURN
UP
PULL
I
VAC
R
−
−
=
Set R
VAC and RVDC such that the voltage
on pin VDC will exceed 5.1 volts at the
desired line turn-on voltage.
R
VDC
VAC
TURN-ON
Calculate R
VDC
ON
TURN
VAC
ON
TURN
VDC
VAC
R
VAC
R
−
−
−


=
1
.
5
1
1
.
5
The voltage at pin IPH is the reference
for amplitude current control during
preheat mode. R
IPH must be set after
R
FMIN.
R
IPH
I
PH
V
PH
Select & Calculate R
IPH
Use Graph 8 to find I
IPH,
then calculate R
IPH:
IPH
CS
PH
IPH
I
R
I
R
PK
⋅
=
Calculate C
CPH
()
PH
CPH
t
e
C
7
6
.
2
−
=
During preheat, an internal 1.3
µA
current source at pin CPH charges
external capacitor CCPH. Preheat mode
ends when VCPH exceeds 5.1 volts.
C
CPH
t
PH
Calculate
ϕ
MIN (Equations 8 & 9)
R
MIN sets the lower phase boundary
corresponding to minimum lamp
power when V
DIM = 0 volts. RMIN must
be set after R
FMIN.
R
MIN
ϕ
MIN
P
LAMP
Calculate R
MAX
Use Equation 15
R
MAX
ϕ
MAX
P
LAMP
R
MAX sets the upper phase boundary
corresponding to maximum lamp power
when V
DIM = 5 volts. RMAX must be set
after R
FMIN and RMIN.
Find V
MIN (Graph 9)
Find I
MIN (Graph 7)
MIN
MIN
MIN
I
V
R
=
Calculate R
MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com